Electronic Components Datasheet Search
  English  ▼

X  

ICS93725 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS93725
Description  DDR and SDRAM Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93725 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ICS93725 Datasheet HTML 1Page - Renesas Technology Corp ICS93725 Datasheet HTML 2Page - Renesas Technology Corp ICS93725 Datasheet HTML 3Page - Renesas Technology Corp ICS93725 Datasheet HTML 4Page - Renesas Technology Corp ICS93725 Datasheet HTML 5Page - Renesas Technology Corp ICS93725 Datasheet HTML 6Page - Renesas Technology Corp ICS93725 Datasheet HTML 7Page - Renesas Technology Corp ICS93725 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS93725
0606A—08/01/03
Switching Waveforms
Duty Cycle Timing
t1
t2
1.5V
1.5V
1.5V
SDRAM Buffer LH and HL Propagation Delay
INPUT
OUTPUT
t6
t7
Switching Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
66
200
MHz
Input Clock Duty Cycle
din
40
60
%
DDR Static Phase Error
tped
-100
-50
100
ps
SDRAM Static Phase Error
tpes
-100
-20
100
ps
Not including FBOUT
to outputs
Not including FBOUT
to outputs
66MHz to 100MHz
48
52
%
101MHz to 200MHz
48
53
%
66MHz to 100MHz
48
52
%
101MHz to 200MHz
48
56
%
DDR Rise Time
trd
Measured between
0.55
0.68
0.95ns
DDR Fall Time
tfd
20% and 80% output, CL=16pF
0.63
0.911.15
ns
SDRAM Rise Time
trs
0.5
1.4
1.7
ns
SDRAM Fall Time
tfs
0.5
1.65
1.8
ns
DDR Cycle to Cycle Jitter
t(C-C)D
SEL_DDR=1,VDD=2.5V ,
CL=16pF
23
38
ps
SDRAM Cycle to Cycle Jitter
t(C-C)S
SEL_DDR=0,VDD=3.3V ,
CL=30pF
36
57
ps
1Guaranteed by design, not 100% tested in production.
2 While the pulse skew is almost constant over frequency, the duty cycle error increases at
higher frequencies. This is due to the formula: duty cycle=t2/t1, where the cycle (t1) decreases
as the frequency goes up.
200
DDR output to output Skew
Tskewd
60
ps
300
100
ps
SDRAM Duty Cycle
DC
2
VOL = 0.4V, VOH = 2.4V,
CL=30pF
DDR Duty Cycle
DC
2
SDRAM output to output Skew
Tskews



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com