Electronic Components Datasheet Search
  English  ▼

X  

ICS94241 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS94241
Description  Programmable TCH™ for Differential PIII™ Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94241 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS94241 Datasheet HTML 1Page - Renesas Technology Corp ICS94241 Datasheet HTML 2Page - Renesas Technology Corp ICS94241 Datasheet HTML 3Page - Renesas Technology Corp ICS94241 Datasheet HTML 4Page - Renesas Technology Corp ICS94241 Datasheet HTML 5Page - Renesas Technology Corp ICS94241 Datasheet HTML 6Page - Renesas Technology Corp ICS94241 Datasheet HTML 7Page - Renesas Technology Corp ICS94241 Datasheet HTML 8Page - Renesas Technology Corp ICS94241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ICS94241
0453C—10/26/04
Byte 0: Functionality and frequency select register (Default=0)
Notes:
1.
Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
Bit
PWD
Bit2 Bit7 Bit6 Bit5 Bit4
FS4 FS3 FS2 FS1 FS0
0
0
0
0
0
66.67
33.33
Center Spread +/- 0.25%
0
0
0
0
1
66.67
33.33
Down Spread 0 to - 0.5%
0
0
0
1
0
68.67
34.33
Center Spread +/- 0.25%
0
0
0
1
1
71.34
35.66
Center Spread +/- 0.25%
0
0
1
0
0
73.34
36.66
Center Spread +/- 0.25%
0
0
1
0
1
76.67
38.33
Center Spread +/- 0.25%
0
0
1
1
0
150.00
30.00
Center Spread +/- 0.25%
0
0
1
1
1
166.67
33.33
Center Spread +/- 0.25%
0
1
0
0
0
100.00
33.33
Center Spread +/- 0.25%
0
1
0
0
1
100.00
33.33
Down Spread 0 to - 0.5%
0
1
0
1
0
103.00
34.33
Center Spread +/- 0.25%
0
1
0
1
1
107.00
35.67
Center Spread +/- 0.25%
0
1
1
0
0
110.00
36.67
Center Spread +/- 0.25%
0
1
1
0
1
115.00
38.33
Center Spread +/- 0.25%
0
1
1
1
0
100.90
33.63
Center Spread +/- 0.25%
0
1
1
1
1
90.00
30.00
Center Spread +/- 0.25%
1
0
0
0
0
200.00
33.33
Center Spread +/- 0.25%
1
0
0
0
1
200.00
33.33
Down Spread 0 to - 0.5%
1
0
0
1
0
206.00
34.33
Center Spread +/- 0.25%
1
0
0
1
1
214.00
35.67
Center Spread +/- 0.25%
1
0
1
0
0
220.00
36.67
Center Spread +/- 0.25%
1
0
1
0
1
230.00
38.33
Center Spread +/- 0.25%
1
0
1
1
0
201.80
33.63
Center Spread +/- 0.25%
1
0
1
1
1
180.00
30.00
Center Spread +/- 0.25%
1
1
0
0
0
133.33
33.33
Center Spread +/- 0.25%
1
1
0
0
1
133.33
33.33
Down Spread 0 to - 0.5%
1
1
0
1
0
137.33
34.33
Center Spread +/- 0.25%
1
1
0
1
1
142.67
35.67
Center Spread +/- 0.25%
1
1
1
0
0
146.67
36.67
Center Spread +/- 0.25%
1
1
1
0
1
153.33
38.33
Center Spread +/- 0.25%
1
1
1
1
0
133.90
33.48
Center Spread +/- 0.25%
1
1
1
1
1
120.00
30.00
Center Spread +/- 0.25%
Bit 3
0
Bit 1
1
Bit 0
0
Note 1
0=Frequency selected by hardware; 1=Frequency selected by Bit2, (7:4)
0=Spread off; 1=Spread Spectrum Enable
0=Running; 1=Tristate
Description
Bit
2, (7:4)
CPUCLK PCICLK
Spread Percentage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com