Electronic Components Datasheet Search
  English  ▼

X  

ICS950201 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS950201
Description  Programmable Timing Control HubTM for P4TM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950201 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS950201 Datasheet HTML 6Page - Renesas Technology Corp ICS950201 Datasheet HTML 7Page - Renesas Technology Corp ICS950201 Datasheet HTML 8Page - Renesas Technology Corp ICS950201 Datasheet HTML 9Page - Renesas Technology Corp ICS950201 Datasheet HTML 10Page - Renesas Technology Corp ICS950201 Datasheet HTML 11Page - Renesas Technology Corp ICS950201 Datasheet HTML 12Page - Renesas Technology Corp ICS950201 Datasheet HTML 13Page - Renesas Technology Corp ICS950201 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDTTM Programmable Timing Control HubTM for P4TM
460J—01/25/10
ICS950201
Programmable Timing Control HubTM for P4TM
10
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
33.33
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.29
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.45
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51
55
%
Skew
tsk1
1
VT = 1.5 V
190
500
ps
Jitter,cycle to cyc
tjcyc-cyc
1
VT = 1.5 V
124
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
66.67
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.28
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.36
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
53.1
55
%
Skew
tsk1
1
VT = 1.5 V
90
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
128
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com