Electronic Components Datasheet Search
  English  ▼

X  

ICS950202 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950202 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950202 Datasheet HTML 1Page - Renesas Technology Corp ICS950202 Datasheet HTML 2Page - Renesas Technology Corp ICS950202 Datasheet HTML 3Page - Renesas Technology Corp ICS950202 Datasheet HTML 4Page - Renesas Technology Corp ICS950202 Datasheet HTML 5Page - Renesas Technology Corp ICS950202 Datasheet HTML 6Page - Renesas Technology Corp ICS950202 Datasheet HTML 7Page - Renesas Technology Corp ICS950202 Datasheet HTML 8Page - Renesas Technology Corp ICS950202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS950202
0461M—02/10/06
Block Diagram
Pin Configuration
Recommended Application:
CK-408 clock for Intel® 845 chipset.
Output Features:
3 - Pairs of differential CPU clocks @ 3.3V
3 - 3V66 @ 3.3V
9 - PCI @ 3.3V
2 - 48MHz @ 3.3V fixed
1 - VCH/3V66 @ 3.3V, 48MHz or 66MHz
1 - REF @ 3.3V, 14.318MHz
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.
Key Specifications:
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <100ps
Programmable Timing Control HubTM for P4TM
1. These outputs have 2X drive strength.
* Internal Pull-up resistor of 120K to VDD
** these inputs have 120K internal pull-down
to GND
48-Pin 300-mil SSOP
Power Groups
VDDA = Analog Core PLL
VDDREF = REF, Xtal
AVDD48 = 48MHz
4
S
F3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
000
0
1
0
0
.
0
0
17
6
.
6
63
3
.
3
3
10
0
0
1
3
3
.
3
3
17
6
.
6
63
3
.
3
3
111
1
0
7
6
.
6
67
6
.
6
64
3
.
3
3
111
1
1
0
0
.
0
0
27
6
.
6
63
3
.
3
3
Frequency Table
For additional frequency selections please refer to Byte 0.
VDDREF
X1
X2
GND
**FS0/PCICLK7
**FS1/PCICLK8
VDDPCI
GND
*WDEN/PCICLK0
PCICLK1
PCICLK2
PCICLK3
VDDPCI
GND
PCICLK4
PCICLK5
PCICLK6
VDD3V66
GND
3V66_1
3V66_2
3V66_3
#RESET
VDDA
1
1
1
REF/FS2**
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
VDDCPU
CPUCLKT2
CPUCLKC2
MULTISEL0*
I REF
GND
48MHz_USB/FS3**
48MHz_DOT
AVDD48
GND
3V66_0/VCH_CLK/FS4**
VDD3V66
GND
SCLK
SDATA
Vtt_PWRGD/PD#
GND
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS950202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
More results

Similar Description - ICS950202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com