Electronic Components Datasheet Search
  English  ▼

X  

ICS950220 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS950220
Description  Programmable Timing Control Hub™ for P4™
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950220 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS950220 Datasheet HTML 1Page - Renesas Technology Corp ICS950220 Datasheet HTML 2Page - Renesas Technology Corp ICS950220 Datasheet HTML 3Page - Renesas Technology Corp ICS950220 Datasheet HTML 4Page - Renesas Technology Corp ICS950220 Datasheet HTML 5Page - Renesas Technology Corp ICS950220 Datasheet HTML 6Page - Renesas Technology Corp ICS950220 Datasheet HTML 7Page - Renesas Technology Corp ICS950220 Datasheet HTML 8Page - Renesas Technology Corp ICS950220 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS950220
0467G—03/02/07
Maximum Allowed Current
n
o
i
t
i
d
n
o
C
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
3
.
3
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
6
4
.
3
=
d
d
V
D
N
G
r
o
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
ll
A
e
d
o
M
n
w
o
d
r
e
w
o
P
)
0
=
#
N
W
D
R
W
P
(
A
m
0
4
e
v
i
t
c
A
l
l
u
F
A
m
0
6
3
Host Swing Select Functions
MULTISEL0
Board Target
Trace/Term Z
Reference R,
Iref =
V
DD/(3*Rr)
Output
Current
Voh @ Z
0
50 ohms
Rr = 221 1%,
Iref = 5.00mA
Ioh = 4* I REF
1.0V @ 50
1
50 ohms
Rr = 475 1%,
Iref = 2.32mA
Ioh = 6* I REF
0.7V @ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com