Electronic Components Datasheet Search
  English  ▼

X  

ICS950227 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS950227
Description  Programmable Timing Control Hub™ for P4™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950227 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS950227 Datasheet HTML 4Page - Renesas Technology Corp ICS950227 Datasheet HTML 5Page - Renesas Technology Corp ICS950227 Datasheet HTML 6Page - Renesas Technology Corp ICS950227 Datasheet HTML 7Page - Renesas Technology Corp ICS950227 Datasheet HTML 8Page - Renesas Technology Corp ICS950227 Datasheet HTML 9Page - Renesas Technology Corp ICS950227 Datasheet HTML 10Page - Renesas Technology Corp ICS950227 Datasheet HTML 11Page - Renesas Technology Corp ICS950227 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
N Div7
RW
-
-
X
Bit 6
N Div6
RW
-
-
X
Bit 5
N Div5
RW
-
-
X
Bit 4
N Div4
RW
-
-
X
Bit 3
N Div3
RW
-
-
X
Bit 2
N Div2
RW
-
-
X
Bit 1
N Div1
RW
-
-
X
Bit 0
N Div0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
SSP7
RW
-
-
X
Bit 6
SSP6
RW
-
-
X
Bit 5
SSP5
RW
-
-
X
Bit 4
SSP4
RW
-
-
X
Bit 3
SSP3
RW
-
-
X
Bit 2
SSP2
RW
-
-
X
Bit 1
SSP1
RW
-
-
X
Bit 0
SSP0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
SSP13
RW
-
-
X
Bit 4
SSP12
RW
-
-
X
Bit 3
SSP11
RW
-
-
X
Bit 2
SSP10
RW
-
-
X
Bit 1
SSP9
RW
-
-
X
Bit 0
SSP8
RW
-
-
X
I
2C Table: Output Divider Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
CPU Div3
RW
X
Bit 2
CPU Div2
RW
X
Bit 1
CPU Div1
RW
X
Bit 0
CPU Div0
RW
X
I
2C Table: Output Divider Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
3V66 Div3
RW
X
Bit 2
3V66 Div2
RW
X
Bit 1
3V66 Div1
RW
X
Bit 0
3V66 Div0
RW
X
See Table 3: Divider Ratio
Combination Table 2-3-5-7
Byte 16
-
3V66 divider ratio can
be configured via these
4 bits individually.
See Table 3: Divider Ratio
Combination Table
-
-
-
-
-
Byte 14
It is recommended to
use ICS Spread %
table for spread
programming.
-
CPU divider ratio can
be configured via these
4 bits individually.
-
-
-
-
-
-
Byte 13
These Spread
Spectrum bits will
program the spread
pecentage. It is
recommended to use
ICS Spread % table for
spread programming.
-
-
-
-
-
-
-
-
Byte 12
The decimal
representation of N Div
(8:0) is equal to VCO
divider value. Default
at power up = latch-in
or Byte 0 Rom table.
-
-
-
-
-
-
-
-
-
Byte 15
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com