Electronic Components Datasheet Search
  English  ▼

X  

USB-COMI-PRO Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-COMI-PRO
Description  1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-COMI-PRO Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-COMI-PRO Datasheet HTML 1Page - Coolgear Inc. USB-COMI-PRO Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
1/2
A4
10/13/2021
USB-COMi-PRO
1:2
mm
Basic Measurements
Detailed Port Measurements
25
8.29
72.2
77.59
6
25.29
8
12
6.86
81.45
58.15
24.86


Similar Part No. - USB-COMI-PRO

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-COMI-SI COOLGEAR-USB-COMI-SI Datasheet
130Kb / 2P
USB to Serial Surge and Optical Isolation converter RS-422/485
USB-COMI-SI-M COOLGEAR-USB-COMI-SI-M Datasheet
124Kb / 3P
USB to Optical Adapter Industrial Isolated RS-422/485
USB-COMI-TB COOLGEAR-USB-COMI-TB Datasheet
51Kb / 1P
Single Port USB to RS-422 485 Hi-Speed Industrial Adapter
7/17/2015
More results

Similar Description - USB-COMI-PRO

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
1-port Isolated USB to RS-232/422/485 Converter
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
5100 MOXA-5100 Datasheet
788Kb / 5P
1-port RS-232/422/485 serial device servers
5100A MOXA-5100A Datasheet
4Mb / 7P
1-port RS-232/422/485 serial device servers
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com