Electronic Components Datasheet Search
  English  ▼

X  

BLF1047 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF1047
Description  UHF power LDMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1047 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF1047 Datasheet HTML 1Page - NXP Semiconductors BLF1047 Datasheet HTML 2Page - NXP Semiconductors BLF1047 Datasheet HTML 3Page - NXP Semiconductors BLF1047 Datasheet HTML 4Page - NXP Semiconductors BLF1047 Datasheet HTML 5Page - NXP Semiconductors BLF1047 Datasheet HTML 6Page - NXP Semiconductors BLF1047 Datasheet HTML 7Page - NXP Semiconductors BLF1047 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 Feb 02
4
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF1047
PACKAGE OUTLINE
Package under
development
Philips Semiconductors reserves the
right to make changes without notice.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT541A
99-12-28
00-01-13
0
5
10 mm
scale
Flanged LDMOST ceramic package; 2 mounting holes; 2 leads
SOT541A
p
A
F
b
D
U2
H
Q
c
1
3
2
D1
E
A
w1
AB
M
M
M
C
q
U1
C
B
E1
M
M
w2
UNIT
A
mm
D
b
11.05
10.80
0.18
0.10
15.39
15.09
10.29
10.03
20.83
19.81
9.91
9.65
5.74
4.60
c
U2
0.25
0.51
22.10
qw2
w1
F
1.78
1.52
U1
27.31
27.05
p
3.43
3.18
Q
2.69
2.44
EE1
10.26
10.06
inches
0.435
0.425
0.007
0.004
0.606
0.594
D1
15.39
15.09
0.606
0.594
0.405
0.395
0.820
0.780
0.390
0.380
0.226
0.181
0.01
0.02
0.87
0.070
0.060
1.075
1.065
0.135
0.125
0.106
0.096
0.404
0.396
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com