Electronic Components Datasheet Search
  English  ▼

X  

1607043 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1607043
Description  SF-5EP1N8AWK00 - Device connector front mounting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607043 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1607043 Datasheet HTML 1Page - PHOENIX CONTACT 1607043 Datasheet HTML 2Page - PHOENIX CONTACT 1607043 Datasheet HTML 3Page - PHOENIX CONTACT 1607043 Datasheet HTML 4Page - PHOENIX CONTACT 1607043 Datasheet HTML 5Page - PHOENIX CONTACT 1607043 Datasheet HTML 6Page - PHOENIX CONTACT 1607043 Datasheet HTML 7Page - PHOENIX CONTACT 1607043 Datasheet HTML 8Page - PHOENIX CONTACT 1607043 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector front mounting, straight low type, Screw locking, M23, number of positions:
5+PE, type of contact: Pin, Axial O-ring, 4x Ø 3.2, shielded: yes, flange dimensions: 28 mm x 28
mm, degree of protection: IP67, cable diameter range: 0 mm ... 0 mm, number of positions: 6,
connection method: Crimp connection, series: SF
Commercial Data
Item number
1607043
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB35
Product Key
ABRCBF
Catalog Page
Page 81 (PC-2011)
GTIN
4046356182560
Weight per Piece (including packing)
42.92 g
Weight per Piece (excluding packing)
40.666 g
Customs tariff number
85366990
Country of origin
DE
SF-5EP1N8AWK00 - Device connector front mounting
1607043
https://www.phoenixcontact.com/us/products/1607043
Jun 7, 2023, 5:25 AM
Page 1 (16)


Similar Part No. - 1607043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607040 PHOENIX-1607040 Datasheet
653Kb / 17P
SF-5EP1N8ACLB2 - Rear panel feed-through
logo
Weidmuller
1607040000 WEIDMULLER-1607040000 Datasheet
94Kb / 4P
SL 3.5/2/90F3.2SN OR
logo
PHOENIX CONTACT
1607041 PHOENIX-1607041 Datasheet
652Kb / 17P
SF-5EP1N8ACLB3 - Rear panel feed-through
1607046 PHOENIX-1607046 Datasheet
461Kb / 9P
SF-7EP1N8AAF00 - Device connector front mounting
1607047 PHOENIX-1607047 Datasheet
451Kb / 8P
SF-7EP1N8AAK00 - Device connector front mounting
More results

Similar Description - 1607043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605586 PHOENIX-1605586 Datasheet
667Kb / 17P
SF-7EP1N8AAD00 - Device connector front mounting
1605589 PHOENIX-1605589 Datasheet
690Kb / 18P
SF-7EP1N8AWA00 - Device connector front mounting
1605512 PHOENIX-1605512 Datasheet
619Kb / 15P
SF-5EP1N8AAD00 - Device connector front mounting
1605520 PHOENIX-1605520 Datasheet
644Kb / 17P
SF-5EP1N8AWA00 - Device connector front mounting
1607082 PHOENIX-1607082 Datasheet
623Kb / 15P
SF-5ES1N8AY000 - Device connector, front mounting with knurled nut
1605515 PHOENIX-1605515 Datasheet
542Kb / 12P
SF-5EP1N8AAK00 - Device connector front mounting
1605591 PHOENIX-1605591 Datasheet
687Kb / 17P
SF-7EP1N8AWK00 - Device connector front mounting
1620620 PHOENIX-1620620 Datasheet
684Kb / 18P
SF-7EP1S8AWA00 - Device connector front mounting
1620660 PHOENIX-1620660 Datasheet
694Kb / 18P
SF-7EP1N8AA500 - Device connector front mounting
1607036 PHOENIX-1607036 Datasheet
637Kb / 15P
SF-5EP1N8AAF00 - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com