Electronic Components Datasheet Search
  English  ▼

X  

JM20339 Datasheet(PDF) 1 Page - JMicron Technology Corporation

Part # JM20339
Description  Hi-Speed USB to SATA Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JM20339 Datasheet(HTML) 1 Page - JMicron Technology Corporation

  JM20339 Datasheet HTML 1Page - JMicron Technology Corporation JM20339 Datasheet HTML 2Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Version 1.2
May 2004
© JMicron 2003. All rights reserved.
Page 1
Copying prohibited.
JMicron/JM20339
JM20339
Hi-Speed USB to SATA Bridge
Description
The JM20339 is single chip solution to bridge between USB 2.0 host and SATA device. The
highly integrated USB 2.0 and SATA Phys technology provides a cost-effective solution to apply USB
to SATA device enclosure. The USB adheres to the Mass Storage Class Bulk-Only Transport
Specification. The embedded command parser supports both ATA and ATAPI command set with
LBA48 bit addressing capability.
Features
Quick Reference
Signal Bit Rate
1.5 Gbps/SATA and 480
Mbps/USB
Spread Spectrum
-0.3% to 0.0
Power Supply
3.3V
ESD Protection
2000 V
Adj. Amplitude
2 levels
Adj. Pre-emphasis
4 levels
Package
64-pin LQFP
• Compliance with Gen1i, and Gen1m of
Serial ATA II Electrical Specification 1.0
• Support SATA spread-spectrum transmitter
• Support SATA II Asynchronous Signal
Recovery (Hot Plug) feature
• Compliance with USB 2.0 (Hi-Speed USB)
electrical specification
• Compliance with USB Mass Storage Class
Bulk-Only Transport Specification
• Support 480Mbps High Speed (HS) and
12Mbps Full Speed USB operation
• Support ATA/ATAPI LBA48 bit addressing
mode
• Support 12MHz external crystal.
• Single-power 3.3V power supply
• 0.18um CMOS technology and 64 -pin LQFP
ASSP package
Applications
USB & SATA products
• Enclosure system
• Storage Subsystem
• Portable compact HDD


Similar Part No. - JM20339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM20330 ETC1-JM20330 Datasheet
180Kb / 2P
Serial ATA Bridge Chip
logo
JMicron Technology Corp...
JM20337 JMICRON-JM20337 Datasheet
99Kb / 2P
Hi-Speed USB to SATA & PATA Combo Bridge
More results

Similar Description - JM20339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931DS PLX-OXU931DS Datasheet
137Kb / 2P
Hi-Speed USB 2.0 to SATA/eSATA Controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
Hi-Speed USB to SATAII Bridge Controller
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
Hi-Speed USB to 10/100 Ethernet Bridge
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
JM20337 JMICRON-JM20337 Datasheet
99Kb / 2P
Hi-Speed USB to SATA & PATA Combo Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com