Electronic Components Datasheet Search
  English  ▼

X  

IRGPC40KD2 Datasheet(PDF) 7 Page - International Rectifier

Part # IRGPC40KD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40KD2 Datasheet(HTML) 7 Page - International Rectifier

  IRGPC40KD2 Datasheet HTML 1Page - International Rectifier IRGPC40KD2 Datasheet HTML 2Page - International Rectifier IRGPC40KD2 Datasheet HTML 3Page - International Rectifier IRGPC40KD2 Datasheet HTML 4Page - International Rectifier IRGPC40KD2 Datasheet HTML 5Page - International Rectifier IRGPC40KD2 Datasheet HTML 6Page - International Rectifier IRGPC40KD2 Datasheet HTML 7Page - International Rectifier IRGPC40KD2 Datasheet HTML 8Page - International Rectifier IRGPC40KD2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
IRGPC40KD2
0
200
400
600
800
100
1000
f
di /dt - (A/µs)
I = 30A
I = 15A
I = 5.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
100
1000
100
1000
f
di /dt - (A/µs)
I = 5.0A
I = 15A
I = 30A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
20
40
60
80
100
100
1000
f
di /dt - (A/µs)
I = 30A
I = 15A
I = 5.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 5.0A
I = 15A
I = 30A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com