Electronic Components Datasheet Search
  English  ▼

X  

BLF1048 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF1048
Description  UHF power LDMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1048 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF1048 Datasheet HTML 1Page - NXP Semiconductors BLF1048 Datasheet HTML 2Page - NXP Semiconductors BLF1048 Datasheet HTML 3Page - NXP Semiconductors BLF1048 Datasheet HTML 4Page - NXP Semiconductors BLF1048 Datasheet HTML 5Page - NXP Semiconductors BLF1048 Datasheet HTML 6Page - NXP Semiconductors BLF1048 Datasheet HTML 7Page - NXP Semiconductors BLF1048 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Feb 02
2
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF1048
FEATURES
• High power gain
• Easy power control
• Excellent ruggedness
• Source on underside eliminates DC isolators, reducing
common mode inductance
• Designed for broadband operation (HF to 1 GHz).
APPLICATIONS
• Communication transmitter applications in the UHF
frequency range.
DESCRIPTION
Silicon N-channel enhancement mode lateral D-MOS
transistor encapsulated in a 2-lead flange package
(SOT502A) with a ceramic cap. The common source is
connected to the mounting flange.
PINNING - SOT502A
PIN
DESCRIPTION
1
drain
2
gate
3
source, connected to flange
handbook, halfpage
Top view
MBK394
1
2
3
Fig.1 Simplified outline.
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
dim
(dBc)
CW, class-AB (2-tone)
f1 = 960; f2 = 960.1
26
90 (PEP)
>14
>35
≤−26
CW, class-AB (1-tone)
960
26
90
>14
>45
−
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com