Electronic Components Datasheet Search
  English  ▼

X  

RP3SL024 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # RP3SL024
Description  Special Load PCB Relay RP3SL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP3SL024 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  RP3SL024 Datasheet HTML 1Page - TE Connectivity Ltd RP3SL024 Datasheet HTML 2Page - TE Connectivity Ltd RP3SL024 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Special Load PCB Relay RP3SL (Continued)
Product code structure
Typical product code
RP
3
SL
012
Type
RP Special Load PCB Relay RP 3 SL
Version
3
Flux proof
7
Wash tight
Contact configuration / contact material
SL 1 form A contact (1 NO), AgSnO
2
Coil
Coil code: please refer to coil versions table
Product code
Version
Contact material
Coil version
Coil
Part number
RP3SL005
1 form A (NO) contact
AgSnO
DC coil
5VDC
1393230-7
RP3SL012
16A
12VDC
1393230-9
RP3SL018
flux proof
18VDC
1-1393230-0
RP3SL024
24VDC
1-1393230-1
RP3SL048
48VDC
1-1393230-2
RP3SL060
60VDC
1-1393230-3
RP3SLA06
Bistable 1 coil
6VDC
1393230-2
RP3SLA24
24VDC
1393230-4
RP3SLF12
Bistable 2 coils
12VDC
1393230-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com