Electronic Components Datasheet Search
  English  ▼

X  

INA310A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA310A
Description  INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA310A Datasheet HTML 9Page - Texas Instruments INA310A Datasheet HTML 10Page - Texas Instruments INA310A Datasheet HTML 11Page - Texas Instruments INA310A Datasheet HTML 12Page - Texas Instruments INA310A Datasheet HTML 13Page - Texas Instruments INA310A Datasheet HTML 14Page - Texas Instruments INA310A Datasheet HTML 15Page - Texas Instruments INA310A Datasheet HTML 16Page - Texas Instruments INA310A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Overdrive Voltage (mV)
0
10
20
30
40
50
60
70
80
90
100
50
75
100
125
150
175
200
225
250
275
300
Figure 6-37. Comparator Propagation Delay vs
Overdrive Voltage
Supply Voltage (V)
2
4
6
8
10
12
14
16
18
20
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VIH
VIL
Figure 6-38. Comparator Reset Voltage vs Supply
Voltage
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
175
40
55
70
85
100
115
130
Figure 6-39. Comparator Propagation Delay vs
Temperature
2 s/div
Input
200 mV/div
Output
2 V/div
VOD = 20 mV
Figure 6-40. Comparator Propagation Delay
www.ti.com
INA310A-Q1, INA310B-Q1
SBOSAD3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA310A-Q1 INA310B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com