Electronic Components Datasheet Search
  English  ▼

X  

LP5912-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-EP
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5912-EP Datasheet(HTML) 3 Page - Texas Instruments

  LP5912-EP Datasheet HTML 1Page - Texas Instruments LP5912-EP Datasheet HTML 2Page - Texas Instruments LP5912-EP Datasheet HTML 3Page - Texas Instruments LP5912-EP Datasheet HTML 4Page - Texas Instruments LP5912-EP Datasheet HTML 5Page - Texas Instruments LP5912-EP Datasheet HTML 6Page - Texas Instruments LP5912-EP Datasheet HTML 7Page - Texas Instruments LP5912-EP Datasheet HTML 8Page - Texas Instruments LP5912-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Pin Configuration and Functions
1
2
3
6
5
4
OUT
NC
PG
IN
GND
EN
Figure 5-1. DRV Package, 6-Pin WSON With Thermal Pad (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUT
O
Regulated output voltage.
2
NC
—
No internal connection. Leave open, or connect to ground.
3
PG
O
Power-good indicator. Requires an external pullup resistor.
4
EN
I
Enable input. Logic high = device is on, logic low = device is off, with an internal 3-MΩ
pulldown resistor.
5
GND
G
Ground.
6
IN
I
Unregulated input voltage.
Thermal pad
—
Connect this pad to the copper area under the package to improve thermal performance.
Use thermal vias to transfer heat to inner layers of the printed circuit board (PCB).
Connect the thermal pad to ground, or leave floating. Do not connect the thermal pad to
any potential other than ground.
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com