Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF145 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 2Page - NXP Semiconductors BLF145 Datasheet HTML 3Page - NXP Semiconductors BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 1992
6
Philips Semiconductors
Product specification
HF power MOS transistor
BLF145
APPLICATION INFORMATION FOR CLASS-A OPERATION
Th = 25 °C; Rth mb-h = 0.3 K/W; R1 = 26 Ω; unless otherwise specified.
RF performance in SSB operation in a common source class-A circuit.
Note
1. Stated figures are maximum values encountered at any driving level between the specified value of PEP and are
referred to the according level of either the equal amplified tones. Related to the according peak envelope power
these figures should be decreased by 6 dB.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
ID
(A)
PL
(W)
GP
(dB)
d3
(dB)
(note 1)
d5
(dB)
(note 1)
ZL
(
Ω)
SSB, class-A
28
28
1.3
8 (PEP)
> 24
typ. 27
>−40
typ.
−43
<−40
typ.
−70
18.4
+ j5.2
Fig.9
Power gain as a function of load power,
typical values.
Class-A operation; VDS = 28 V; ID = 1.3 A;
Rth mb-h = 0.3 K/W; f = 28 MHz.
solid line: Th =25 °C.
dotted line: Th =70 °C.
handbook, halfpage
0
30
28
26
24
10
20
30
MGP040
Gp
(dB)
PL (W) PEP
Fig.10 Third order intermodulation distortion as a
function of load power, typical values.
Class-A operation; VDS = 28 V; ID = 1.3 A;
Rth mb-h = 0.3 K/W; f = 28 MHz.
solid line: Th =25 °C.
dotted line: Th =70 °C.
handbook, halfpage
010
20
30
−20
−30
−50
−60
−40
MGP041
d3
(dB)
PL (W) PEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com