Electronic Components Datasheet Search
  English  ▼

X  

GD32E230FX Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32E230FX
Description  ARM Cortex-M23 32-bit MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32E230FX Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32E230FX Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
GD32E230xx Datasheet
38
It has complementary PWM outputs with programmable dead-time generation. It can also be
used as a complete general timer. The 4 independent channels can be used for input capture,
output compare, PWM generation (edge- or center- aligned counting modes) and single pulse
mode output. If configured as a general 16-bit timer, it has the same functions as the TIMERx
timer. It can be synchronized with external signals or to interconnect with other general timers
together which have the same architecture and features.
The general timer can be used for a variety of purposes including general time, input signal
pulse width measurement or output waveform generation such as a single pulse generation
or PWM output, up to 4 independent channels for input capture/output compare. TIMER2 is
based on a 16-bit auto-reload up/down counter and a 16-bit prescaler. TIMER13 ~ TIMER16
is based on a 16-bit auto-reload up counter and a 16-bit prescaler. The general timer also
supports an encoder interface with two inputs using quadrature decoder.
The basic timer, known as TIMER5 can also be used as a simple 16-bit time base.
The GD32E230xx have two watchdog peripherals, free watchdog and window watchdog.
They offer a combination of high safety level, flexibility of use and timing accuracy.
The free watchdog timer includes a 12-bit down-counting counter and an 8-bit prescaler. It is
clocked from an independent 40 KHz internal RC and as it operates independently of the
main clock, it can operate in deep-sleep and standby modes. It can be used either as a
watchdog to reset the device when a problem occurs, or as a free-running timer for application
timeout management.
The window watchdog is based on a 7-bit down counter that can be set as free-running. It
can be used as a watchdog to reset the device when a problem occurs. It is clocked from the
main clock. It has an early wakeup interrupt capability and the counter can be frozen in debug
mode.
The SysTick timer is dedicated for OS, but could also be used as a standard down counter.
The features are shown below:
A 24-bit down counter
Auto reload capability
Maskable system interrupt generation when the counter reaches 0
Programmable clock source
3.10
Real time clock (RTC)
Independent binary-coded decimal (BCD) format timer/counter with five 32-bit backup
registers.
Calendar with subsecond, second, minute, hour, week day, date, year and month
automatically correction
Alarm function with wake up from deep-sleep and standby mode capability
On-the-fly correction for synchronization with master clock. Digital calibration with 0.954
ppm resolution for compensation of quartz crystal inaccuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com