Electronic Components Datasheet Search
  English  ▼

X  

LM37101S-2.5V Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101S-2.5V
Description  1A Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101S-2.5V Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM37101S-2.5V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101S-2.5V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37100/1/37102
Jun. 2015
– R1.4
- 3
-
HTC
Package Type
Root Name
Product Code
3710X
Output Voltage : 1.5V / 1.8V / 2.5V / 3.3V / 5.0V / Blank(ADJ Only)
37100 : Fixed Output
37101 : Fixed Output
37102 : Adjustable Output
LM
S
D
RS
: SOT-223
: SOP-8
: TO-252
PIN CONFIGURATION
SOT-223
SOP-8
TO-252 5L
PIN DESCRIPTION
Pin No.
TO-252 5L PKG
SOP-8 PKG
Name
Function
Name
Function
1
EN
Chip Enable
EN
Chip Enable
2
VIN
Input Supply
VIN
Input Supply
3
GND
Ground
VOUT
Output Voltage
4
VOUT
Output Voltage
FLG / ADJ
Error Flag Output
or Output Adjust
5
FLG / ADJ
Error Flag Output
or Output Adjust
GND
Ground
6 / 7 / 8
-
-
GND
Ground
Pin No.
SOT-223-3L PKG
Name
Function
1
VIN
Input Supply
2
GND
Ground
3
VOUT
Output Voltage
EN 1
VIN 2
VOUT 3
FLG/ADJ 4
8 GND
7 GND
6 GND
5 GND
FLG/ADJ
VOUT
GND (TAB)
VIN
EN
5
4
3
2
1
3
VOUT
2
GND (Tab)
1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com