Electronic Components Datasheet Search
  English  ▼

X  

JMC Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # JMC
Description  JMC CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JMC Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  JMC Datasheet HTML 1Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 2Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5.15
5.1
5.1
3.4
3.4
4.15
1
This JMC connector is 0.5 mm pitch SMT
type board to board connector with selection
of boss existence. Comparing with
conventional JMC connector, more small
and space saving are realized. Various types
are available such as top/side entry type
connectors including the development of the
stacking height variation for plug and the
absorption misalignment type for receptacle.
JMC CONNECTOR
0.5mm pitch/Board-to-board connectors
Emboss Tape
Specifications –––––––––––––––––––
• Current rating: 0.5 A AC, DC
• Voltage rating: 50 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 50 mΩ max.
After environmental tests/ 100 mΩ max.
• Insulation resistance: 50 MΩ min.
• Withstanding voltage: 100 VAC/minute
* Contact JST for nitrogen (N2) reflow soldering.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Absorption misalignment type
Plug: Top entry type
Plug: Side entry type
Receptacle
0.15
+0.1
 0
±0.03
0.5
±0.05
0.3
±0.05
0.4
φ0.5
±0.05
D
0.85
PC board edge
0.85
±0.03
0.5
±0.05
0.3
±0.05
D
+0.1
 0
φ0.6
0.15
±0.03
0.5
±0.05
0.3
±0.05
D
±0.05
0.4
+0.1
 0
φ0.5
+0.1
 0
φ0.6
+0.05
 0
0.3
D±0.05
0.5±0.03
1.025±0.05
0.5
1.25
Absorption misalignment type
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.03 mm for all centers. The dimensions above should serve as a guideline. Contact JST for details.
Top entry type
Side entry type
Absorption
misalignment type
Absorption misalignment type
Stacking height: 4.0 to 11.0 mm
Stacking height: 3.0 to 10.0 mm
• Secure mating
• Distortion preventive construction
• Versatile number of circuit and height
• Absorbing misalignment when mating
connector
PC board layout and Assembly layout


Similar Part No. - JMC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
JMC-4-1/4 FESTO-JMC-4-1/4 Datasheet
83Kb / 1P
Air solenoid valve
logo
JIEJIE MICROELECTRONICS...
JMC090-16 JIEJIE-JMC090-16 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC090-18 JIEJIE-JMC090-18 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC090-20 JIEJIE-JMC090-20 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC110-12 JIEJIE-JMC110-12 Datasheet
180Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
More results

Similar Description - JMC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
Filter Connector, Connector Adapter
759-861A16 GLENAIR-759-861A16 Datasheet
215Kb / 2P
Connector to Connector
M85049-27S8N GLENAIR-M85049-27S8N Datasheet
73Kb / 1P
Connector
759-861A16 GLENAIR-759-861A16_10 Datasheet
289Kb / 2P
Connector to Connector
logo
Allied Components Inter...
AR26-4057 ALLIED-AR26-4057 Datasheet
1Mb / 2P
Connector
logo
CW Industries
C1AXS-2036G CWIND-C1AXS-2036G Datasheet
507Kb / 1P
CONNECTOR
C3APS-1006G CWIND-C3APS-1006G Datasheet
634Kb / 1P
CONNECTOR
logo
PHOENIX CONTACT
1132718 PHOENIX-1132718 Datasheet
53Kb / 2P
Connector - EV-T2M3SL12-CONNECTOR
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-V45 PF-ICZ-AIDA1-V45 Datasheet
495Kb / 2P
Connector
ICZ-AIDA3-MSTB PF-ICZ-AIDA3-MSTB Datasheet
335Kb / 2P
Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com