Electronic Components Datasheet Search
  English  ▼

X  

RF-06 Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # RF-06
Description  RF CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RF-06 Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  RF-06 Datasheet HTML 1Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 2Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 3Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Polarizing key
4.2
Model No.
Material
Q'ty / bag
PK-RF-1
10,000
PBT, UL94V-0, natural (white)
RoHS compliance
Polarizing key: The polarizing key in the housing prevents misinsertion of the
connector to the header.
Note:
1. Tolerances are non-cumulative: ± 0.05mm for all centers.
2. Hole dimensions differ according to the type of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
PC board layout (viewed from soldering side) and Assembly layout
(16.54)
4.06
2.54±0.05
1.27min.
φ1+0.1
0
1.27min.
2.54±0.05
6.2
φ1+0.1
0
Top entry type
Side entry type
RF CONNECTOR
RFCONNECTOR
Disconnectable Crimp style connectors
RF CONNECTOR
RF CONNECTOR
2.54mm
pitch
Crimp
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com