Electronic Components Datasheet Search
  English  ▼

X  

LM37101S-5.0V Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101S-5.0V
Description  1A Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101S-5.0V Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM37101S-5.0V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM37101S-5.0V Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37100/1/37102
Jun. 2015
– R1.4
- 6
-
HTC
LM37102 Only
VREF
Reference Voltage
1.228
1.215
1.24
1.252
1.265
V
V
(Note 9)
1.203
1.277
V
IREF
Adjust Pin Bias
Current
40
80
120
nA
nA
ΔVREF/ΔT
Reference Voltage
Temp. Coefficient
(Note 4)
20
ppm/ °C
ΔIADJ/ΔT
Adjust Pin Bias Current
Temp. Coefficient
0.1
99.2
nA/ °C
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. PD (max)= (TJ (max) - TA) ÷ θJA, where θJA -junction-to-ambient thermal resistance.
Note 4. Output voltage temperature coefficient is
ΔV
OUT (worst case) ÷ (TJ(max) - TJ(min)) where TJ(max) is +125°C and TJ(min) is 0°C.
Note 5. VDO = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V,
dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage
is 2.25V.
Note 6. IGND is the quiescent current. IIN = IGND + IOUT.
Note 7. Delay time is measured after VEN=VIN.
CIN=COUT=10μF.
Note 8. For adjustable device and fixed device with VOUT ≥ 2.5V
Note 9. VREF ≤ VOUT ≤ (VIN - 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com