Electronic Components Datasheet Search
  English  ▼

X  

VAF515 Datasheet(PDF) 4 Page - COSEL CO., LTD.

Part # VAF515
Description  AC-DC Power Supplies PCB Mount type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

VAF515 Datasheet(HTML) 4 Page - COSEL CO., LTD.

  VAF515 Datasheet HTML 1Page - COSEL CO., LTD. VAF515 Datasheet HTML 2Page - COSEL CO., LTD. VAF515 Datasheet HTML 3Page - COSEL CO., LTD. VAF515 Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
¡DERATING CURVE
¡RISE TIME (VAF1012)
¡OVERCURRENT CHARACTERISTICS (VAF1012)
¡STATIC CHARACTERISTICS (VAF1012)
AC 85V
0
11.90
12.00
12.10
12.20
12.30
AC170V
AC264V
OUTPUT CURRENT
0.4
0.8
0.2
0.6
1.0
1.2
DC Output
AC Input
ACIN 85V Io=100%
50ms/DIV
AC 85V
AC170V
AC264V
0
2
4
6
8
10
12
14
OUTPUT CURRENT
1.0
2.0
3.0
-10
0
1020304050
60
71
0
25
100
75
AMBIENT TEMPERATURE
(A, B, C mounting)
VAF
VAF-5
VAF10
External view
¶ Dimensions in mm, [
]= inches
¶ Unit: 2mm
¶ Weight: 40g max
¶ Tolerance:
¶ PCB material: CEM-3
¶ PCB thickness: t=1.0 [0.04]
¶ Pin material: CPW with solder plated
¶ Recommended hole dia. to PCB:
¶ Dimensions in mm, [
]= inches
º1.3
bottom cover
º1.7
º1.0
Outline
71
3.5
55
78
71
55
3.5
(TOP VIEW)
FG
+V
-V
C16
AC(L)
AC(N)
bottom cover
5-
º1.0
(stopper
º 1.7 [0.07] )
5-
º1.3
Recommended size for
processing PCB
(TOP VIEW)
Input/Output Pin
Name Plate
±0.5 [±0.02]
[0.07]
[0.04]
[0.14]
[2.8]
[2.17]
[0.05]
[0.14]
[3.07]
[2.8]
[2.17]
[0.04]
Performance data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com