Electronic Components Datasheet Search
  English  ▼

X  

A7DP-2 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A7DP-2
Description  Thumbwheel Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7DP-2 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A7DP-2 Datasheet HTML 10Page - Omron Electronics LLC A7DP-2 Datasheet HTML 11Page - Omron Electronics LLC A7DP-2 Datasheet HTML 12Page - Omron Electronics LLC A7DP-2 Datasheet HTML 13Page - Omron Electronics LLC A7DP-2 Datasheet HTML 14Page - Omron Electronics LLC A7DP-2 Datasheet HTML 15Page - Omron Electronics LLC A7DP-2 Datasheet HTML 16Page - Omron Electronics LLC A7DP-2 Datasheet HTML 17Page - Omron Electronics LLC A7DP-2 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
A7
j
A7
j
25
Panel Cutout
A7PS-2
jj(-1)
A7PH-2
jj(-1)
Solder Terminals
Note:
If the output code is 03, 06 or 54, the dimension is 43; if
the output code is 07, 19 or 55, the dimension is 55.
(See note)
Panel thickness: 1 to 3
Number of
Switches (n)
A (n x 10 + 12)
B (n x 10 + 9)
1
22 mm
19 mm
2
32 mm
29 mm
3
42 mm
39 mm
4
52 mm
49 mm
5
62 mm
59 mm
6
72 mm
69 mm
7
82 mm
79 mm
8
92 mm
89 mm
9
102 mm
99 mm
10
112 mm
109 mm
Note:
1. The dimensions above include both End Caps, and will
increase 10 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm ap-
plies to all dimensions.
The tolerance for multiple connection is
±(number of
units x 0.4) mm.
Thumbwheel-operated Switches
Panel Cutout
A7MD-106-P-09
A7MD-106-P-09-D
PCB Terminals
Panel thickness: 2
P = 2.54
Number of
Switches (n)
A (5n + 3)
B (5n + 5)
1
8 mm
10 mm
2
13 mm
15 mm
3
18 mm
20 mm
4
23 mm
25 mm
5
28 mm
30 mm
6
33 mm
35 mm
7
38 mm
40 mm
8
43 mm
45 mm
9
48 mm
50 mm
10
53 mm
55 mm
Note:
1. The dimensions above include both End Caps, and will
increase 6 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm ap-
plies to all dimensions.
The tolerance for multiple connection is
±(number of
units x 0.4) mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com