Electronic Components Datasheet Search
  English  ▼

X  

IAG Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # IAG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IAG Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  IAG Datasheet HTML 1Page - Sensata Technologies, Inc. IAG Datasheet HTML 2Page - Sensata Technologies, Inc. IAG Datasheet HTML 3Page - Sensata Technologies, Inc. IAG Datasheet HTML 4Page - Sensata Technologies, Inc. IAG Datasheet HTML 5Page - Sensata Technologies, Inc. IAG Datasheet HTML 6Page - Sensata Technologies, Inc. IAG Datasheet HTML 7Page - Sensata Technologies, Inc. IAG Datasheet HTML 8Page - Sensata Technologies, Inc. IAG Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
INTRODUCTION
The Airpax™ IAG/IUG/IEG/CEG/LEG magnetic circuit protectors
provide low-cost power switching, reliable circuit protection
and accurate circuit control for equipment in the international
marketplace.
IEG models meet IEC spacing requirements which is mandatory
for equipment that must comply with IEC specifications 601 and
950 and VDE specifications 0804 and 0805. In addition, they are
UL Recognized as supplementary protectors per UL STD. 1077,
CSA Certified as supplementary protectors per CSA C22.2–No.
235, VDE Approved to VDE 0642 (EN60934), CCC Approved and CE
Compliant. IAG models are for those applications where the unit’s
inherent attributes are desired, but compliance with the various
standards is not required.
Designed using the latest in sensitive hydraulic magnetic
technology, the IAG/IUG/IEG/CEG/LEG line adapts itself to many
applications and environments. They’re ideal for data processing
and business machines, medical instrumentation, broadcast
equipment, vending and amusement machines, military
applications and wherever precision operation is required.
Temperature differences which affect fuses and other thermal
devices are not a concern.
One important feature of this protector line is a “trip free” action,
which means the circuit will trip in the presence of an overload
even though the handle is held in the ON position. The delay
mechanism senses the fault and the contacts open.
The IAG/IUG/IEG/CEG/LEG is available in a wide variety of
configurations including series, series with auxiliary switch,
shunt and relay with a choice of delays and ratings in either
DC, 50/60Hz or 400Hz versions. Handles come in seven different
colors and international markings are standard. Single or multi-
pole versions are available, with a variety of pole arrangements
to meet your specifications. Four pole models require a double
toggle handle. Units with a handle per pole come in one through
six pole assemblies.
IAG/IUG/IEG/CEG/LEG Series
Hydraulic Magnetic Circuit Protectors
IAG Series - Introduction
http://airpax.sensata.com
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com