Electronic Components Datasheet Search
  English  ▼

X  

A44 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # A44
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

A44 Datasheet(HTML) 2 Page - Nanjing International Group Co

  A44 Datasheet HTML 1Page - Nanjing International Group Co A44 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1
10
100
1000
1
10
100
100
1
10
100
10
0
25
50
75
100
125
150
0
125
250
375
500
625
750
1
10
100
0.2
0.4
0.6
0.8
1.0
1
10
100
0
50
100
150
200
0
5
10
15
20
25
0
5
10
15
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
REVERSE VOLTAGE
V
(V)
/
C
ib
C
ob
COLLECTOR CURRENT
I
C
(mA)
V
CE=20V
T
a
=25
T
a
=100
COMMON EMITTER
V
CE
= 10V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
COLLECTOR CURRENT
I
C
(A)
T
a
=25
T
a
=100
=10
3
1
30
10
1000
100
200
200
T
a
=25
T
a
=100
=10
COLLECTOR CURRENT
I
C
(A)
200
COMMON
EMITTER
T
a
=25
80uA
72uA
64uA
56uA
48uA
40uA
32uA
24uA
16uA
I
B
=8uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com