Electronic Components Datasheet Search
  English  ▼

X  

B5819PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # B5819PL
Description  SOD-123FL Plastic-Encapsulate Dio des
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5819PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  B5819PL Datasheet HTML 1Page - Nanjing International Group Co B5819PL Datasheet HTML 2Page - Nanjing International Group Co B5819PL Datasheet HTML 3Page - Nanjing International Group Co B5819PL Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
FIG.2: MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Number of Cycles
Resistive or Inductive Load
P.C.B. Mounted on 0.2"×0.2"
(5mm×5mm)Copper Pad Areas
FIG.1: FORWARD CURRENT DERATING CURVE
FIG.3: TYPICAL FORWARD CHARACTERISTICS
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
VF(V)
TL(℃)
1
0
2
5
10
20
50
100
10
20
30
40
50
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com