Electronic Components Datasheet Search
  English  ▼

X  

BAS21WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS21WS
Description  SOD-323 Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS21WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS21WS Datasheet HTML 1Page - Nanjing International Group Co BAS21WS Datasheet HTML 2Page - Nanjing International Group Co BAS21WS Datasheet HTML 3Page - Nanjing International Group Co BAS21WS Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS21WS SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VR
250
V
Average Rectified Output Current
IO
200
mA
Power Dissipation
200
mW
Thermal Resistance from Junction to Ambient
625
℃/W
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100µA
250
V
Reverse voltage leakage current
IR
VR=200V
0.1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1
1.25
V
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,
50
ns
SOD-323
MARKING:
@t=8.3ms
Forward Surge Current
Non-Repetitive Peak
RθJA
PD
IFSM
A
Operation Junction and StorageTemperature
Range
-55~+150
TJ,Tstg
SOD-323 Plastic-Encapsulate Diodes
DONGGUAN NANJING ELECTRONICS LTD.,
T3
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - BAS21WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS21WS MCC-BAS21WS Datasheet
188Kb / 2P
High Voltage Switching Diode
logo
TAITRON Components Inco...
BAS21WS TAITRON-BAS21WS Datasheet
186Kb / 4P
Three Terminals Surface Mount Switching Diode
logo
Nanjing International G...
BAS21WS DGNJDZ-BAS21WS Datasheet
502Kb / 1P
Fast Switching Speed
logo
Shunxin Technology Co.,...
BAS21WS SXSEMI-BAS21WS Datasheet
605Kb / 3P
SWITCHING DIODE
logo
Won-Top Electronics
BAS21WS-T1 WTE-BAS21WS-T1 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS21WS

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
SOD-323 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com