Electronic Components Datasheet Search
  English  ▼

X  

ABS310 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # ABS310
Description  ABS Plastic-Encapsulate Bridge R ectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ABS310 Datasheet(HTML) 1 Page - Nanjing International Group Co

  ABS310 Datasheet HTML 1Page - Nanjing International Group Co ABS310 Datasheet HTML 2Page - Nanjing International Group Co ABS310 Datasheet HTML 3Page - Nanjing International Group Co ABS310 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
70
1.00
=3.0A, Pulse
3.0
310
302
304
306
308
R-load,Ta=115
●IF(AV)
●
200V-1000V
●High surge current capability
Applications
●
●
X : From 02 To 10
Marking
●
Features
VRRM
General P urpose Bridge Rectifier
ABS Plastic-Encapsulate Bridge Rectifier
Glass passivated chip
rpose 1 phase Bridge
rectifier applications
General pu
ABS
ABS
Item
Symbol Unit
Conditions
Repetitive Peak Reverse
Voltage
VRRM
V
200
400
600
800
1000
Average Rectified Output
Current
IO
A
60Hz sine wave,
℃
On alumina substrate
Surge(Non-
repetitive)Forward Current
IFSM
A
sine wave, 1 cycle, Tj=25℃
Current Squared Time
I
2t
A
2S 1ms≤t<8.3ms Tj=25℃,Rating of per diode
14.94
Operation Junction and
Storage Temperature Range TJ,Tstg
℃
-55 ~+150
V
140
280
420
560
700
V RMS
Maximum RMS Voltage
8.3ms
sine wave, 1 cycle, Tj=25℃
1.0ms
120
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM
measurement, Rating of per diode
Peak Reverse Current
IRRM
μA
VRM=VRRM , Pulse measurement, Rating of per diode
5
RθJ-A
Between junction and ambient, On alumina substrate
62.5
Thermal Resistance
RθJ-L
℃/W
Between junction and lead
25
Electrical Characteristics (T=25℃ Unless otherwise specified)
RθJ-C
Between junction and case
25
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com
ABS302 THRU ABS310
3A
ABS3XX


Similar Part No. - ABS310

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
ABS310 YIXIN-ABS310 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
More results

Similar Description - ABS310

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
ABS2 HDSEMI-ABS2 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge Rectifier
FABS202 HDSEMI-FABS202 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge Rectifier
1F1G HDSEMI-1F1G Datasheet
1Mb / 4P
R-1 Plastic-Encapsulate Diodes
logo
KODENSHI_AUK CORP.
SFN5A300DN KODENSHI-SFN5A300DN Datasheet
534Kb / 5P
Ultrafast R ecovery Power R ectifier
SFN5A600 KODENSHI-SFN5A600 Datasheet
705Kb / 7P
Ultrafast R ecovery Power R ectifier
SFN20A600 KODENSHI-SFN20A600 Datasheet
720Kb / 7P
Ultrafast R ecovery Power R ectifier
logo
Nanjing International G...
DB201S DGNJDZ-DB201S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge R ectifier
DB301S DGNJDZ-DB301S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge R ectifier
SBS22 DGNJDZ-SBS22 Datasheet
2Mb / 4P
ABS Plastic-Encapsulate Bridge R ectifier
ABS302 DGNJDZ-ABS302 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge R ectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com