Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # D882
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

D882 Datasheet(HTML) 2 Page - Nanjing International Group Co

  D882 Datasheet HTML 1Page - Nanjing International Group Co D882 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
300
600
900
1200
1
10
100
1000
1
10
100
1000
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1
10
100
1000
1
10
100
1000
1
10
100
1000
10
100
1000
0.1
1
10
10
100
0
1
2
3
4
5
6
7
8
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
COMMON EMITTER
V
CE
= 2V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE
(mV)
3000
=10
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a
=100
T
a
=25
3000
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
T
a
=100
T
a
=25
=10
I
C
V
CEsat
——
COLLECTOR CURREMT
I
C
(mA)
3000
2000
I
C
h
FE
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
= 2V
3000
f=1MHz
I
E
=0/I
C
=0
T
a
=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
20
500
Static Characteristic
COMMON EMITTER
T
a
=25
10mA 9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
I
B
=1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
www.dgnjdz.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com