Electronic Components Datasheet Search
  English  ▼

X  

DB102G Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DB102G
Description  DB Plastic-Encapsulate Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DB102G Datasheet(HTML) 1 Page - Nanjing International Group Co

  DB102G Datasheet HTML 1Page - Nanjing International Group Co DB102G Datasheet HTML 2Page - Nanjing International Group Co DB102G Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25
23.7
5
01G
02G 03G
04G
05G 06G 07G
●IF(AV)
1A
●
50V-1000V
●High surge current capability
Applications
●
●
X : From 0
1 To 7
Marking
●
Features
VRRM
General P urpose Bridge Rectifier
Glass passivated chip
rpose 1 phase Bridge
rectifier applications
General pu
Item
Symbol
Unit
Conditions
DB1
Repetitive Peak Reverse
Voltage
VRRM
V
50
100
200
400
600
800 1000
Average Rectified Output
Current
IO
A
60Hz sine wave, R-load, Ta=
25℃
1.0
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ
sine wave, 1 cycle, Tj=25℃
0
Current Squared Time
I
2t
A
2S 1ms≤t<8.3ms Tj=25℃,Rating of per diode
Operation Junction and
Storage Temperature Range
TJ,Tstg
℃
-55 ~+150
V
35
70
140
280
420 560 700
V RMS
MaximumRMSVoltage
half
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=1.0A, Pulse measurement, Rating of per diode
1.0
Peak Reverse Current
IRRM
μA
VRM=VRRM , Pulse measurement, Rating of per diode
10
Thermal Resistance
RθJ-A
℃/W
Between junction and ambient, On glass-epoxi substrate
RθJ-L
Between junction and lead
15
DB Plastic-Encapsulate Bridge Rectifier
DB-1
DB101G THRU DB107G
DG10XG
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3


Similar Part No. - DB102G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DB102G ZOWIE-DB102G Datasheet
52Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DB102G TSC-DB102G Datasheet
122Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB102G LUGUANG-DB102G Datasheet
248Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
DB102G AMERICASEMI-DB102G Datasheet
453Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB102G GENESIC-DB102G Datasheet
311Kb / 3P
Silicon Bridge Rectifier
More results

Similar Description - DB102G

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MB05M HOTTECH-MB05M Datasheet
269Kb / 2P
Plastic-Encapsulate Bridge Rectifier
logo
Jiangsu High diode Semi...
DB101 HDSEMI-DB101 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DB101S HDSEMI-DB101S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge Rectifier
DB151 HDSEMI-DB151 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DB201 HDSEMI-DB201 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DBF2005 HDSEMI-DBF2005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
KBU6005 HDSEMI-KBU6005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU8005 HDSEMI-KBU8005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU10005 HDSEMI-KBU10005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
MSB30B HDSEMI-MSB30B Datasheet
1Mb / 3P
UMSB Plastic-Encapsulate Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com