Electronic Components Datasheet Search
  English  ▼

X  

550L104VTZ Datasheet(PDF) 1 Page - AVX Corporation

Part # 550L104VTZ
Description  RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

550L104VTZ Datasheet(HTML) 1 Page - AVX Corporation

  550L104VTZ Datasheet HTML 1Page - AVX Corporation 550L104VTZ Datasheet HTML 2Page - AVX Corporation 550L104VTZ Datasheet HTML 3Page - AVX Corporation 550L104VTZ Datasheet HTML 4Page - AVX Corporation 550L104VTZ Datasheet HTML 5Page - AVX Corporation 550L104VTZ Datasheet HTML 6Page - AVX Corporation 550L104VTZ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
497
RF/Microwave Capacitors
550-560 Series UBC™ Ultra-Broadband Capacitor
RF/Microwave Multilayer Capacitors (MLC)
TYPICAL CIRCUIT APPLICATIONS
• Optoelectronics/High Speed Data
• Transimpedance amplifiers
• Receive and Transmit Optical Sub-Assembly (ROSA/TOSA)
• Synchronous Optical Network (SONET)
• Broadband test equipment
• Broadband Microwave/Millimeter Wave
TDS-RFM-0080 | Rev 4
GENERAL DESCRIPTION
KYOCERA AVX new Ultra-Broadband Capacitor is
manufactured with highest quality materials to provide
reliable and repeatable Ultra-Broadband performance from
7KHz through 110GHz. It exhibits ultra-low insertion loss,
flat frequency response and excellent return loss, and is
ideal for D.C. Blocking, Coupling, Bypassing and Feedback
applications requiring Ultra-Broadband performance.
ADVANTAGES
• Ultra-Broadband performance
• Ultra-Low Insertion Loss
• Flat Frequency Response
• Excellent Return Loss
• Unit-to-Unit Performance Repeatability
• Rugged Ceramic Construction
• Operating Temperature: -55°C to +125°C
Note: See voltage below on the table at certain temp.
HOW TO ORDER
Z
Case Size
W = 01005
Z = 0201
L = 0402
K
Capacitance
Tolerance
Code
K = ±10%
M = ±20%
P = +100%, -0%
V = +20%, -10%
Y = +25%, -20%
Tape &
LEAD-FREE COMPATIBLE
COMPONENT
T
Packaging
T = 1000 pc qty.
T/500 = 500 pc qty.
T/4k = 4000 pc qty.
Z = 15K pc for 0201,
20kpc for 01005
T
Termination Style Code
T = Tin Plated over Nickel Barrier (Standard)
CA = Gold Plated over Nickel Barrier
104
Capacitance Code
EIA Capacitance Code in pF.
First two digits = significant
figures or “R” for decimal place.
Third digit = number of zeros or
after “R” significant figures
550
Series
550
ELECTRICAL SPECIFICATIONS
Series
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
Packaging
550W103M
01005
160kHz
110GHz
10
35
25
16
Tin
T, Z
560W104M
01005
16kHz
40GHz
100
6.3
4
--
Tin
560Z104M
0201
16kHz
40GHz
100
25
16
6.3
Tin
550Z104M
0201
16kHz
110GHz
100
25
16
6.3
Tin
560Z224M
0201
7.2kHz
40GHz
220
16
10
--
Tin
550Z224M
0201
7.2kHz
70GHz
220
16
10
--
Tin
550Z103P
0201
160kHz
100GHz
10
10
10
6.3
Tin/Gold
T
T/500
T/4K
560L104Y
0402
16kHz
40GHz
100
16
16
16
Tin
550L104K
0402
16kHz
70GHz
100
16
16
16
Tin/Gold
Click on part number to see performance data and download files
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - 550L104VTZ

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
550 INTEL-550 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Oscilent Corporation
550 OSCILENT-550 Datasheet
132Kb / 2P
HCMOS / TTL
logo
Cornell Dubilier Electr...
550 CDE-550 Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
logo
Pulse A Technitrol Comp...
550 PULSE-550 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
France Joint
550 FRANCEJOINT-550 Datasheet
837Kb / 4P
PISTON SEALS
More results

Similar Description - 550L104VTZ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R2ABSTR AVX-04023J1R2ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R3ABWTR AVX-04023J1R3ABWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R7ABSTR AVX-04023J1R7ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R9ABWTR AVX-04023J1R9ABWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R1BBSTR AVX-04023J2R1BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R6BBSTR AVX-04023J2R6BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R8BBSTR AVX-04023J2R8BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
RF/Microwave C0G Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com