Electronic Components Datasheet Search
  English  ▼

X  

AT4026 Datasheet(PDF) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AT4026
Description  Standard Size Pushbuttons
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AT4026 Datasheet(HTML) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button AT4026 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. AT4026 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Series LB
Standard Size Panel Seal Pushbuttons
D60
D
www.nkkswitches.com
Clear Cap with Red Diffuser
SPDT ON-ON Circuit
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
Red, 12-volt, Bright LED with Resistor
Round Shape
Black Housing
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LB16WKW01-5C12-JC
TYPICAL SWITCH
ORDERING EXAMPLE
Housing
K
Black
G
Gray
Shape
W
Round
Poles
1
SPDT
2
DPDT
1
W
K
W01
LB
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Terminals
W01
Silver Contacts
Rated 3A @ 125/250V AC
Solder Lug/Quick Connect Terminals
G01
Gold Contacts
Rated 0.4VA @ 28V AC/DC
Solder Lug/Quick Connect Terminals
6
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, & ordering instructions are noted on the General
Specifications page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com