Electronic Components Datasheet Search
  English  ▼

X  

TPS628436 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS628436
Description  TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628436 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS628436 Datasheet HTML 9Page - Texas Instruments TPS628436 Datasheet HTML 10Page - Texas Instruments TPS628436 Datasheet HTML 11Page - Texas Instruments TPS628436 Datasheet HTML 12Page - Texas Instruments TPS628436 Datasheet HTML 13Page - Texas Instruments TPS628436 Datasheet HTML 14Page - Texas Instruments TPS628436 Datasheet HTML 15Page - Texas Instruments TPS628436 Datasheet HTML 16Page - Texas Instruments TPS628436 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
9.2.3 Application Curves
IOUT [A]
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
1u
10u
100u
1m
10m
100m 500m
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Figure 9-2. Efficiency at 0.4 VOUT
IOUT [A]
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
1u
10u
100u
1m
10m
100m 500m
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Figure 9-3. Efficiency at 0.7 VOUT
IOUT [A]
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
1u
10u
100u
1m
10m
100m 500m
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Figure 9-4. Efficiency at 1.2 VOUT
IOUT [A]
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
1u
10u
100u
1m
10m
100m 500m
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Figure 9-5. Efficiency at 1.8 VOUT
IOUT [A]
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
1u
10u
100u
1m
10m
100m 500m
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Figure 9-6. Efficiency at 3.3 VOUT
IOUT [A]
1.14
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1μ
10μ
100μ
1m
10m
100m 500m
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.5V
VIN = 5.0V
VIN = 5.5V
Figure 9-7. Output Voltage vs Output Current at 1.2
VOUT
www.ti.com
TPS62843
SLVSFU8A – JANUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS62843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com