Electronic Components Datasheet Search
  English  ▼

X  

TPS922052DYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS922052DYYR
Description  TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS922052DYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS922052DYYR Datasheet HTML 17Page - Texas Instruments TPS922052DYYR Datasheet HTML 18Page - Texas Instruments TPS922052DYYR Datasheet HTML 19Page - Texas Instruments TPS922052DYYR Datasheet HTML 20Page - Texas Instruments TPS922052DYYR Datasheet HTML 21Page - Texas Instruments TPS922052DYYR Datasheet HTML 22Page - Texas Instruments TPS922052DYYR Datasheet HTML 23Page - Texas Instruments TPS922052DYYR Datasheet HTML 24Page - Texas Instruments TPS922052DYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
9.2.1.2.3 Output Capacitor Selection
The output capacitor reduces the high-frequency current ripple through the LED string. Excessive current ripple
increases the RMS current in the LED string, therefore increasing the LED temperature.
1. Calculate the total dynamic resistance of the LED string (RLED) using the LED manufacturer's datasheet.
2. Calculate the required impedance of the output capacitor (ZOUT) given the acceptable peak-to-peak ripple
current through the LED string, ILED(ripple) . IL(ripple) is the peak-to-peak inductor ripple current as calculated with
the selected inductor.
3. Calculate the minimum effective output capacitance required.
4. Increase the output capacitance appropriately due to the derating effect of applied DC voltage.
See Equation 6, Equation 7, and Equation 8.
4.'& =
¿8(
¿+(
× # KB .'&O
(6)
<%176 =
(4.'& + 45'05' ) × +.'&(NELLHA )
+.(NELLHA ) F +.'&(NELLHA )
(7)
%176 =
1
2è × B59 × <%176
(8)
Once the output capacitor is chosen, Equation 9 can be used to estimate the peak-to-peak ripple current through
the LED string.
+.'&(NELLHA ) =
<%176 × +.(NELLHA )
<%176 + 4.'& + 45'05'
(9)
CREE WLED is used here. The dynamic resistance of the LED is 0.29 ohm at 3-A forward current. Ceramic
capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients. In this design, a 10-µF, 35-V X7R ceramic capacitor is chosen. The calculated ripple
current of the LED is about 23.8mA.
9.2.1.2.3.1 Sense Resistor Selection
The maximum LED current is 3 A at 100% PWM duty and the corresponding VREF is 200 mV. By using Equation
9, the sense resistance is calculated as 67 mΩ.
(10)
Note that the power consumption of the sense resistor is 603 mW, requiring enough margin of the resistor's
power rating in selection.
9.2.1.2.3.1.1 Other External Components Selection
In this design, a 0.1-µF, 50-V X7R ceramic capacitor is chosen for CBOOT. Additionally, a 1-µF, 50-V X7R
ceramic capacitor is chosen for CSENSE. For loop stability, it is recommended to select a 1-nF, 10-V X7R ceramic
capacitor for CCOMP and a 1-kΩ resistor for RCOMP.
www.ti.com
TPS922052, TPS922053, TPS922054, TPS922055
SLVSGG9 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS922052 TPS922053 TPS922054 TPS922055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com