Electronic Components Datasheet Search
  English  ▼

X  

DP2525 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DP2525
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DP2525 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
7/11
Rev.2.0
PERATION DESCRIPTION
DP2525 is a high performance, multi mode, highly
integrated DCM (Discontinuous Conduction Mode)
Primary Side Regulation (PSR) controller. The built-
in high precision CV/CC control with high level
protection features makes it suitable for offline
small power converter applications.
System Start-Up Operation
Before the IC starts to work, it consumes only
startup current (typically 3uA) which allows a large
value startup resistor to be used to minimize the
power loss and the current flowing through the
startup resistor charges the VDD hold-up capacitor
from the high voltage DC bus. When VDD reaches
UVLO turn-on voltage of 18V (typical), DP2525
begins switching and the IC operation current is
increased
to
be
1mA
(typical).
The
hold-up
capacitor continues to supply VDD before the
auxiliary winding of the transformer takes the
control of VDD voltage.
Fig.1
Once DP2525 enters very low frequency FM
(Frequency
Modulation)
mode,
the
operating
current is reduced to be 0.8mA typically, which
helps to reduce the standby power loss.
PSR
Constant
Voltage
Modulation
(PSR-CVM)
In primary side control, the output voltage is sensed
on the auxiliary winding during the transfer of
transformer
energy
to
the
secondary.
Fig.2
illustrates the CV sampling signal timing waveform
in DP2525. As shown in Fig.2, it is clear that there
is a down slope representing a decreasing total
rectifier Vf and its voltage drop as the secondary
current decreases to zero. To achieve an accurate
representation of the secondary output voltage on
the auxiliary winding, the CV sampling signal blocks
the leakage inductance reset and ringing. When the
CV
sampling
process
is
over,
the
internal
sample/hold (S&H) circuit captures the error signal
and amplifies it through the internal Error Amplifier
(EA). The output of EA is sent to the Primary Side
Constant Voltage Modulator (PSR-CVM) for CV
control. The internal reference voltage for EA is
trimmed to 2V with high accuracy.
During the CV sampling process, an internal
variable current source is flowing to FB pin for
Cable Drop Compensation (CDC). Thus, there is a
step at FB pin in the transformer demagnetization
process, as shown in Fig.2. Fig.2 also illustrates the
equation for “demagnetization plateau”, where Vo
and VF is the output voltage and diode forward
voltage; R1 and R2 is the resistor divider connected
from the auxiliary winding to FB Pin, Ns and Na are
secondary
winding
and
auxiliary
winding
respectively.
When system enters over load condition, the output
voltage falls down and the FB sampled voltage
should be lower than 2V internal reference which
makes system enter CC Mode automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com