Electronic Components Datasheet Search
  English  ▼

X  

DP2525A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DP2525A
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DP2525A Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2525A Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
8/11
Rev.2.0
(
)
R2
R1
R1
Ns
Na
V
V
F
O
+
×
×
+
Fig.2
PSR
Constant
Current
Modulation
(PSR-CCM)
Timing information at the FB pin and current
information at the CS pin allow accurate regulation
of the secondary average current. The control law
dictates that as power is increased in CV regulation
and approaching CC regulation the primary peak
current is at Ipp(max), as shown in Fig.3.
(
)
Tsw
Tdem
N
N
2
max
Ipp
I
S
P
CC_OUT
×
×
=
Fig.3
Referring to Fig.3 above, the primary peak current,
transformer turns ratio, secondary demagnetization
time
(Tdem),
and
switching
period
(Tsw)
determines the secondary average output current
Iout. Ignoring leakage inductance effects, the
equation for average output current is shown in
Fig.3. When the average output current Iout
reaches the regulation reference in the Primary
Side Constant Current Modulator (PSR-CCM) block,
the IC operates in pulse frequency modulation
(PFM) mode to control the output current at any
output voltage at or below the voltage regulation
target as long as the auxiliary winding can keep
VDD above the UVLO turn-off threshold.
In DP2525, the ratio between Tdem and Tsw in CC
mode is 1/2. Therefore, the average output current
can be expressed as:
(
)
( )
Ω
×
×
≅
Rcs
500mV
N
4
1
mA
I
CC_OUT
In the equation above,
N----The turn ratio of primary side winding to
secondary side winding.
Rcs--- the sensing resistor connected between the
power BJT emitter to GND. I
Multi Mode Control in CV Mode
To meet the tight requirement of averaged system
efficiency and no load power consumption, a hybrid
of
frequency modulation
(FM)
and
amplitude
modulation (AM) is adopted in DP2525 which is
shown in the Fig 4.
Around the full load, the system operates in FM
mode. When normal to light load conditions, the IC
operates in FM+AM mode to achieve excellent
regulation and high efficiency. When the system is
near zero loading, the IC operates in FM again for
standby power reduction. In this way, the no-load
consumption can be less than 70mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com