Electronic Components Datasheet Search
  English  ▼

X  

DP2525B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DP2525B
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DP2525B Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
9/11
Rev.2.0
Fig.4
Programmable
Cable
Drop
Compensation (CDC) in CV Mode
In smart phone charger application, the battery is
always connected to the adapter with a cable wire
which can cause several percentages of voltage
drop on the actual battery voltage. In DP2525, an
offset voltage is generated at FB pin by an internal
current source (modulated by CDC block, as shown
in Fig.5) flowing into the resistor divider. The
current is proportional to the switching period, thus,
it is inversely proportional to the output power Pout.
Therefore, the drop due the cable loss can be
compensated. As the load decreases from full
loading to zero loading, the offset voltage at FB pin
will increase. By adjusting the resistance of R1 and
R2 (as shown in Fig.), the cable loss compensation
can be programmed. The percentage of maximum
compensation is given by
(
)
%
100
V
R1//R2
Icable_max
Vout
V(cable)
FB_REF
×
×
≈
∆
For
example,
R1=3K
Ω , R2=18K Ω , The
percentage of maximum compensation is given by:
(
)
%
7
.
7
%
100
2V
3K//18K
60uA
Vout
V(cable)
=
×
×
=
∆
FB
Naux
R2
R1
KP211
Sample &
Hold
Icable
CDC
Icable
Pout
60uA
0
Modulated by CDC
Fig.5
Optimized Dynamic Response
In DP2525, the dynamic response performance is
optimized to meet USB charge requirements.
Audio Noise Free Operation
As mentioned above, the multi-mode CV control
with a hybrid of FM and AM provides frequency
modulation. An internal current source flowing to
CS pin realizes CS peak voltage modulation. In
DP2525, the optimized combination of frequency
modulation and CS
peak
voltage modulation
algorithm can provide audio noise free operation
from full loading to zero loading.
Dynamic BJT Base Drive
DP2525 drives a power BJT with dynamic base
drive control to optimize efficiency. The BJT base
drive current ranges from 10mA to 30mA (typical),
and is dynamically controlled according to the
power supply load change. The higher the output
power, the higher the based current. Specifically,
the base current is related to CS peak voltage, as



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com