Electronic Components Datasheet Search
  English  ▼

X  

EXS82 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EXS82
Description  LTE-M, NB-IoT and 2G – LPWAN connectivity ready for prime time
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EXS82 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EXS82 Datasheet HTML 1Page - List of Unclassifed Manufacturers EXS82 Datasheet HTML 2Page - List of Unclassifed Manufacturers EXS82 Datasheet HTML 3Page - List of Unclassifed Manufacturers EXS82 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
THE GEMALTO-THALES ADVANTAGE
CINTERION® EXS82 / EXS62 FEATURES
> Trusted partner to 450+ global MNOs ensures products
evolve in sync with networks and modules are pre-certified
for all global mobile networks
> Core competency in SIM, eSIM and eUICC technology allows
simplified integration with modules and lower Total Cost of
Ownership (TCO)
> Expert design consulting, local market engineering support
and a skilled 24/7 help desk streamline development and
deployment
> Global leader in digital security solutions and platforms
> Experienced provider of software solutions for Quality of
Service and product lifecycle management
> Extensive RF test capabilities and GCF/PTCRB pretests to
validate readiness for solution approval process
GENERAL FEATURES
> FDD-LTE Bands 1, 2, 3, 4, 5, 8, 12, 13, 14, 18, 19, 20, 25, 26, 27,
28, 66, 71, 85.
> Quad-Band GSM: 850, 900, 1800 and 1900 MHz (*)
> Integrated GNSS support (GPS/BeiDou/Galileo/GLONASS)
> Compatible with Cinterion® Industrial module footprint
> SIM Application Toolkit with BIP
> Control via standardized commands (Hayes, TS 27.007 and
27.005) and Cinterion® AT commands
> Embedded IPv4 and IPv6 TCP/IP stack access via AT
command and transparent TCP/UDP services
> Internet Services: TCP server/client, UDP client, DNS, Ping,
HTTP client, FTP client, MQTT client
> Secure Connection with TLS/DTLS
> Supply voltage range: 2.6-4.8 V
> Dimensions: 27.6 x 18.8 x 2.3 mm
> Weight: approx. 2.5 g
> Operating temperature: -40°C to +90°C
SPECIFICATIONS
> 3GPP Rel.14 Compliant Protocol
> LTE Power Class 5 (20 dBm)
> LTE Cat.M1 DL: max. 300 kbps, UL: max. 1.1 Mbps
> LTE Cat.NB1 DL: max. 27 kbps, UL: max. 63 kbps
> LTE Cat.NB2 DL: max.124 kbps, UL: max. 158 kbps
> E/GPRS Class 10 *)
> SMS support (via NAS, via GSM)
SPECIAL FEATURES
> Optional eSIM included
> Firmware updatable via interface and Over the Air (OTA) /
incremental FOTA
> LWM2M support with MODS (Module Services)
> Best in class power consumption current with eDRX and PSM
> Advanced Security
> Embedded Processing **)
INTERFACES
> Pads for primary LTE antenna and GNSS antenna
> 2 High-speed 8 line serial interfaces
> USB 2.0 interface **)
> UICC and U/SIM card interface 1.8V
> SPI, I2C, PWM signal line
> ADC interface
APPROVALS
> RED, CE, FCC, IC, UL, CCC
> GCF, PTCRB
> AT&T and other major MNO approvals
> EuP, REACH and RoHS compliant
DRIVERS
> Driver for Windows® 7 / Windows® 8 / Windows 10
> Driver for Linux
> RIL Driver for Android **)
*) EXS 82 only
**) included in future firmware version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com