Electronic Components Datasheet Search
  English  ▼

X  

RG1A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RG1A
Description  Fast Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RG1A Datasheet(HTML) 2 Page - Vishay Siliconix

  RG1A Datasheet HTML 1Page - Vishay Siliconix RG1A Datasheet HTML 2Page - Vishay Siliconix RG1A Datasheet HTML 3Page - Vishay Siliconix RG1A Datasheet HTML 4Page - Vishay Siliconix RG1A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86074
Rev. 2, 28-Jan-03
VISHAY
RG1A to RG1M
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
1) Thermal resistance from junction to ambient at 0.375 " (9.5 mm) lead length, P.C.B. mounted
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive peak reverse
voltage
see electrical characteristics
RG1A
VR =
VRRM
50
V
see electrical characteristics
RG1B
VR =
VRRM
100
V
see electrical characteristics
RG1D
VR =
VRRM
200
V
see electrical characteristics
RG1G
VR =
VRRM
400
V
see electrical characteristics
RG1J
VR =
VRRM
600
V
see electrical characteristics
RG1K
VR =
VRRM
800
V
see electrical characteristics
RG1M
VR =
VRRM
1000
V
Maximum average forward rectified current
0.375 " (9.5 mm) lead length at Tamb = 55 °C
IF(AV)
1.0
A
Peak forward surge current
8.3 ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30
A
Maximum full load reverse current
full cycle average 0.375 " (9.5 mm) lead
length at Tamb = 25 °C
IR(AV)
1.0
µA
full cycle average 0.375 " (9.5 mm) lead
length at Tamb = 100 °C
IR(AV)
100
µA
Operating junction and storage temperature
range
TJ,
TSTG
- 55 to +
175
°C
Parameter
Symbol
Value
Unit
Typical thermal resistance 1)
RθJA
55
K/W
Parameter
Test condition
Part
Symbol
Typ.
Max
Unit
Maximum instantaneous forward
voltage
IF = 1 A
VF
1.3
V
Reverse current
VR = VRRM
IR
2.0
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1A
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1B
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1D
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1G
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1J
trr
200
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1K
trr
250
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG1M
trr
500
ns
Typical junction capacitance
VR = 4.0 V, f = 1 MHz
CJ
15
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com