Electronic Components Datasheet Search
  English  ▼

X  

SC2262 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC2262
Description  Remote Control Encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2262 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC2262 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2262 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Remote Control Encoder
SC2262
Valid Product No.
Package
SC2262
18 Pins, DIP
SC2262-S18
18 Pins, SO
SC2262-IR
18 Pins, DIP
SC2262-S
20 Pins, SO
SC2262-IR-S
20 Pins, SO
SC 2262 - XX - X
Package Code :
Output Type :
Product Number
Prefix
P
: Plastic DIP (this code can be omitted)
S
: Small Outline, 20 Pins
S18 : Small Outline, 18 Pins
RF : RF Application (can be omitted)
IR : IR Application
HLF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com