Electronic Components Datasheet Search
  English  ▼

X  

RG1J Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RG1J
Description  Fast Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RG1J Datasheet(HTML) 3 Page - Vishay Siliconix

  RG1J Datasheet HTML 1Page - Vishay Siliconix RG1J Datasheet HTML 2Page - Vishay Siliconix RG1J Datasheet HTML 3Page - Vishay Siliconix RG1J Datasheet HTML 4Page - Vishay Siliconix RG1J Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
RG1A to RG1M
Document Number 86074
Rev. 2, 28-Jan-03
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
Ambient Temperature (
°C)
0
25
50
75
100
125
175
0
0.2
0.4
0.6
0.8
1.0
150
0.375" (9.5mm) Lead Length
Ipk/IAV =
π
Ipk/IAV =
Resistive or Inductive Load
Capacitance Load
5.0
10
20
grg1a_01
Number of Cycles at 60 HZ
30
20
10
0
1
10
100
TA =25
°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
grg1a_02
Instantaneous Forward Voltage (V)
20
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ =25
°C
Pulse Width = 300
µs
1% Duty Cycle
grg1a_03
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
0.01
0.1
1
10
20
TJ =75
°C
TJ =25
°C
TJ =125
°C
grg1a_04
Reverse Voltage (V)
1
10
100
1
10
30
TJ =25
°C
f = 1.0MHZ
Vsig, 50mVp-p max.
grg1a_05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com