Electronic Components Datasheet Search
  English  ▼

X  

ICS950812 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950812 Datasheet HTML 1Page - Renesas Technology Corp ICS950812 Datasheet HTML 2Page - Renesas Technology Corp ICS950812 Datasheet HTML 3Page - Renesas Technology Corp ICS950812 Datasheet HTML 4Page - Renesas Technology Corp ICS950812 Datasheet HTML 5Page - Renesas Technology Corp ICS950812 Datasheet HTML 6Page - Renesas Technology Corp ICS950812 Datasheet HTML 7Page - Renesas Technology Corp ICS950812 Datasheet HTML 8Page - Renesas Technology Corp ICS950812 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ICS950812
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
Frequency Generator with 200MHz Differential
CPU Clocks
1
DATASHEET
Pin Configuration
Recommended Application:
CK-408 clock with Buffered/Unbuffered mode supporting
Almador, Brookdale, ODEM, and Montara-G chipsets with PIII/
P4 processor. Programmable for group to group skew.
Output Features:
•
3 0.7V Differential CPU Clock Pairs
•
7 PCI (3.3V) @ 33.3MHz including 2 early PCI clocks
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz, 1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Provides standard frequencies and additional 5%
and 10% over-clocked frequencies
•
Supports spread spectrum modulation:
No spread, Center Spread (±0.35%, ±0.5%,
or ±0.75%), or Down Spread (-0.5%, -1.0%, or -1.5%)
•
Offers adjustable PCI early clock via latch inputs
•
Selectable 1X or 2X strength for REF via I
2C interface
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
•
Uses external 14.318MHz crystal
•
Stop clocks and functional control available through I
2C
interface.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
66MHz Output Jitter (Additive) (Buffered Mode) <100ps
•
CPU Output Skew <100ps
Note:
Almador board level designs MUST use pin 22,
66MHZ_OUT1, as the feedback connection from the clock
buffer path to the Almador (GMCH) chipset.
VDDREF
1
56 REF
X1
2
55 FS1
X2
3
54 FS0
GND
4
53 CPU_STOP#*
PCICLK_F0
5
52 CPUCLKT0
PCICLK_F1
651 CPUCLKC0
PCICLK_F2
7
50 VDDCPU
VDDPCI
8
49 CPUCLKT1
GND
9
48 CPUCLKC1
PCICLK0 10
47 GND
**E_PCICLK1/PCICLK1 11
46 VDDCPU
PCICLK2 12
45 CPUCLKT2
**E_PCICLK3/PCICLK3 13
44 CPUCLKC2
VDDPCI 14
43 MULTSEL*
GND 15
42 IREF
PCICLK4 16
41 GND
PCICLK5 17
40 FS2
PCICLK6 18
39 48MHz_USB/FS3**
VDD3V66 19
38 48MHz_DOT
GND 20
37 VDD48
66MHZ_OUT0/3V66_2 21
36 GND
66MHZ_OUT1/3V66_3 22
35 3V66_1/VCH_CLK/FS4**
66MHZ_OUT2/3V66_4 23
34 PCI_STOP#*
66MHZ_IN/3V66_5 24
33 3V66_0/FS5**
*PD# 25
32 VDD3V66
VDDA 26
31 GND
GND 27
30 SCLK
Vtt_PWRGD# 28
29 SDATA
56-Pin 300mil SSOP
6.10 mm. Body, 0.50 mm. pitch TSSOP
*These inputs have 120K internal pull-up resistors to VDD.
**Internal pull-down resistors to ground.
Block Diagram
PLL2
PLL1
Spread
Spectrum
3V66_5/66MHz_IN
3V66_3/66MHz_OUT1
3V66_(4,2)/66MHz_OUT(2,0)
48MHz_USB
48MHz_DOT
X1
X2
XTAL
OSC
3V66
DIVDER
PD#
CPU_STOP#
PCI_STOP#
MULTSEL
SDATA
SCLK
FS (5:0)
I REF
Control
Logic
Config.
Reg.
REF
3V66_0
CPU
DIVDER
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)
Stop
3V66_1/VCH_CLK
PCICLK (6:4, 2, 0)
PCI
DIVDER
3
5
PCICLK_F (2:0)
Stop
E_PCICLK(1,3)/PCICLK(1,3)
2
VTT_PWRGD#
Frequency Select
66MHz_OU
T (2:0)
66MHz_IN
PCICLK_F
3V66 (4:2)
3V66_5
PCICLK
FS2 FS1 FS0
MHz
MHz
MHz
MHz
MHz
0
0
0
66.66
66.66
66.66
66.66
33.33
0
0
1
100.00
66.66
66.66
66.66
33.33
0
1
0
200.00
66.66
66.66
66.66
33.33
0
1
1
133.33
66.66
66.66
66.66
33.33
1
0
0
66.66
66.66
66MHz_IN
Input
66MHz_IN/2
1
0
1
100.00
66.66
66MHz_IN
Input
66MHz_IN/2
1
1
0
200.00
66.66
66MHz_IN
Input
66MHz_IN/2
1
1
1
133.33
66.66
66MHz_IN
Input
66MHz_IN/2
CPUCLK
3V66
Bit


Similar Part No. - ICS950812

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Circuit Syst...
ICS950812YFLFT ICST-ICS950812YFLFT Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812YGLFT ICST-ICS950812YGLFT Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS950812

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com