Electronic Components Datasheet Search
  English  ▼

X  

ICS951412B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951412B
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951412B Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951412B Datasheet HTML 1Page - Renesas Technology Corp ICS951412B Datasheet HTML 2Page - Renesas Technology Corp ICS951412B Datasheet HTML 3Page - Renesas Technology Corp ICS951412B Datasheet HTML 4Page - Renesas Technology Corp ICS951412B Datasheet HTML 5Page - Renesas Technology Corp ICS951412B Datasheet HTML 6Page - Renesas Technology Corp ICS951412B Datasheet HTML 7Page - Renesas Technology Corp ICS951412B Datasheet HTML 8Page - Renesas Technology Corp ICS951412B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ICS951412B
1232A—06/12/06
Functionality
Pin Configuration
Recommended Application:
ATI RS480 systems using AMD K8 processors
Output Features:
•
3 - 14.318 MHz REF clocks
•
1 - USB_48MHz USB clock
•
1 - HyperTransport 66 MHz clock seed
•
1 - PCI 33 MHz clock seed
•
2 - Pairs of AMD K8 clocks
•
6 - Pairs of SRC/PCI Express* clocks
•
2 - Pairs of ATIG (SRC/PCI Express) clocks
Features:
•
2 - Programmable Clock Request pins for SRC
clocks
•
Spread Spectrum for EMI reduction
•
Outputs may be disabled via SMBus
•
External crystal load capacitors for maximum
frequency accuracy
System Clock Chip for ATI RS480 K8-based Systems
CPU
HTT
PCI
MHz
MHz
MHz
0
0
0
Hi-Z
Hi-Z
Hi-Z
00
1X
X/3
X/6
0
1
0
180.00
60.00
30.00
0
1
1
220.00
73.12
36.56
1
0
0
100.00
66.66
33.33
1
0
1
133.33
66.66
33.33
1
1
1
200.00
66.66
33.33
FS1
FS0
FS2
56 Pin SSOP/TSSOP
Power Groups
VDD
GND
56
55
Xtal, REF
51
49
PCICLK output
48
46
HTTCLK output
43
42
CPU Outputs
14, 21,
32,35
15, 20,
26,31,36
SRC outputs
39
38
Analog, CPU PLL
3
5
USB_48MHz output
Pin Number
Description
X1 1
56 VDDREF
X2 2
55 GND
VDD48 3
54 **FS0/REF0
USB_48MHz 4
53 **FS1/REF1
GND 5
52 REF2
NC 6
51 VDDPCI
SCLK 7
50 PCICLK0
SDATA 8
49 GNDPCI
**FS2 9
48 VDDHTT
**CLKREQA# 10
47 HTTCLK0
**CLKREQB# 11
46 GNDHTT
SRCCLKT7 12
45 CPUCLK8T0
SRCCLKC7 13
44 CPUCLK8C0
VDDSRC 14
43 VDDCPU
GNDSRC 15
42 GNDCPU
SRCCLKT6 16
41 CPUCLK8T1
SRCCLKC6 17
40 CPUCLK8C1
SRCCLKT5 18
39 VDDA
SRCCLKC5 19
38 GNDA
GNDSRC 20
37 IREF
VDDSRC 21
36 GNDSRC
SRCCLKT4 22
35 VDDSRC
SRCCLKC4 23
34 SRCCLKT0
SRCCLKT3 24
33 SRCCLKC0
SRCCLKC3 25
32 VDDATI
GNDSRC 26
31 GNDATI
ATIGCLKT1 27
30 ATIGCLKT0
ATIGCLKC1 28
29 ATIGCLKC0
Note: Pins preceeded by '**' have a 120 Kohm Internal Pull Down resistor
*Other names and brands may be claimed as the property of others.


Similar Part No. - ICS951412B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
System Clock Chip for ATI RS480 K8-based Systems
ICS951412YFLFT ICST-ICS951412YFLFT Datasheet
283Kb / 10P
System Clock Chip for ATI RS480 K8-based Systems
ICS951412YGLFT ICST-ICS951412YGLFT Datasheet
283Kb / 10P
System Clock Chip for ATI RS480 K8-based Systems
More results

Similar Description - ICS951412B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
System Clock Chip for ATI RS480 K8-based Systems
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
System Clock Chip for ATI RS400 P4TM-based Systems
logo
Integrated Device Techn...
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
System Clock Chip for ATI RS480
2019
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com