Electronic Components Datasheet Search
  English  ▼

X  

ICS951703 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951703
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951703 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951703 Datasheet HTML 1Page - Renesas Technology Corp ICS951703 Datasheet HTML 2Page - Renesas Technology Corp ICS951703 Datasheet HTML 3Page - Renesas Technology Corp ICS951703 Datasheet HTML 4Page - Renesas Technology Corp ICS951703 Datasheet HTML 5Page - Renesas Technology Corp ICS951703 Datasheet HTML 6Page - Renesas Technology Corp ICS951703 Datasheet HTML 7Page - Renesas Technology Corp ICS951703 Datasheet HTML 8Page - Renesas Technology Corp ICS951703 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICS951703
Third party brands and names are the property of their respective owners.
Block Diagram
Recommended Application:
Mobile applications
Output Features:
•
3 CPU (2.5V) (100MHz)
•
7 SDRAM (3.3V) (1 free running SDCLK) (100MHz)
•
7 PCI (3.3 V) @ 33.3MHz, (1 free running)
•
2 IOAPIC (2.5V) @ 33.3 MHz
•
2 (3.3V) @ 48 MHz
- 1 USB clock (3.3V) (48MHz non-SSC)
- 1 DOT clock (3.3V) (48MHz non-SSC)
•
1 VCH clock (3.3V) 48 MHz non-SSC,
or 66 MHz CPU-SSC
•
3 3V66 (3.3V) (66MHz)
•
1 REF (3.3V) @ 14.318 MHz
Features:
•
Supports spread spectrum modulation,
0 to -0.5% down spread.
•
Support power management: PCI_STOP#,
CPU_STOP# and power down Mode
•I
2C interface for clock output control
Skew Specifications:
•
CPU-CPU <150psec
•
PCI-PCI <500psec
•
SDRAM-SDRAM <250psec
•
CPU-SDRAM <350psec
•
CPU-PCI 1-4nsec
•
CPU-3V66 1-4nsec
Functionality
Pin Configuration
56-Pin 300-mil SSOP and TSSOP
REF
VDDREF
X1
X2
GND
GND
3V66-0
3V66-1
3V66-2
VDD3V66
PCI_STOP#
PCICLK_F
PCICLK1
GND
PCICLK2
PCICLK3
VDDPCI
PCICLK4
PCICLK5
PCICLK6
GND
AVDD
AGND
GND
48MHz_1
48MHz_2
VDD48
FS0
GND
IOPAIC-0
IOAPIC-1
VDDL
CPU0
VDDL
CPU1
CPU2
GND
GND
SDRAM0
SDRAM1
VDDSDR
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
SDRAM_F
VDDSDR
VCH_CLK
VDD
CPU_STOP#
FS2
PD#
SCLK
SDATA
FS1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Frequency Generator & Integrated Buffers for Celeron & PII/III™
Power Groups
VDD48= 48MHz, PLL2
AVDD = Analog VDD for CPU PLL
VDDREF = REF, Xtal Osc.
PLL2
PLL1
Spread
Spectrum
48MHz (2:1)
CPUCLK 0
SDRAM (5:0)
IOAPIC (1:0)
VCH_CLK
PCICLK (6:1)
SDRAM_F
CPUCLK (2:1)
PCICLK_F
3V66 (2:0)
3
7
2
6
2
2
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
I2C
Stop
Stop
Stop
Control
Logic
Config.
Reg.
REF
SDATA
SCLK
FS (2:0)
PD#
PCI_STOP#
CPU_STOP#
2
S
F1
S
F0
S
Fn
o
i
t
c
n
u
F
0X
0
e
t
a
t
s
i
r
T
0X
1
t
s
e
T
10
1
z
H
M
0
0
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S


Similar Part No. - ICS951703

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results

Similar Description - ICS951703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com