Electronic Components Datasheet Search
  English  ▼

X  

72801L10LPFGI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 72801L10LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72801L10LPFGI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 72801L10LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 14Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 15Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
Figure 10. Programmable Full Flag Timing
NOTES:
1. m = PAF offset.
2. (256-m) words for the IDT72801; (512-m) words the IDT72811; (1,024-m) words for the IDT72821; (2,048-m) words for the IDT72831; (4,096-m) words for the IDT72841; or (8,192-m)
words for the IDT72851.
3. tSKEW2 is the minimum time between a rising RCLKA (RCLKB) edge and a rising WCLKA (WCLKB) edge for PAFA (PAFB) to change during that clock cycle. If the time between the
rising edge of RCLKA (RCLKB) and the rising edge of WCLKA (WCLKB) is less than tSKEW2, then PAFA (PAFB) may not change state until the next WCLKA (WCLKB) rising edge.
4. If a write is performed on this rising edge of the write clock, there will be Full - (m-1) words in FIFO A (B) when PAFA (PAFB) goes LOW.
tENS
tENH
tENS
tENH
tENS
tENH
WCLKA
(WCLKB)
WENA1
(
WENB1)
WENA2 (WENB2)
(If Applicable)
PAFA
(
PAFB)
RCLKA (RCLKB)
RENA1, RENA2
(
RENB1, RENB2)
(4)
(1)
tPAF
Full - (m+1) words in FIFO
Full - m words in FIFO
(2)
tCLKH
tCLKL
tSKEW2
(3)
tPAF
3034 drw 11
WCLKA (WCLKB)
WENA1
(
WENB1)
WENA2 (WENB2)
(If Applicable)
PAEA,
PAEB
RCLKA (RCLKB)
RENA1, RENA2
(
RENB1, RENB2)
tENS
tENH
tENS
tENH
tSKEW2
(2)
tENS
tENH
tPAE
tPAE
(3)
(1)
n words in FIFO
n+1 words in FIFO
tCLKH
tCLKL
3034 drw 12
NOTES:
1. n = PAE offset.
2. tSKEW2 is the minimum time between a rising WCLKA (WCLKB) edge and a rising RCLKA (RCLKB) edge for PAEA (PAEB) to change during that clock cycle. If the time between the
rising edge of WCLKA (WCLKB) and the rising edge of RCLKA (RCLKB) is less than tSKEW2, then PAEA (PAEB) may not change state until the next RCLKA (RCLKB) rising edge.
3. If a read is performed on this rising edge of the read clock, there will be Empty + (n-1) words in FIFO A (B) when PAEA (PAEB) goes LOW.
Figure 11. Programmable Empty Flag Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com