Electronic Components Datasheet Search
  English  ▼

X  

72841L10LPFG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 72841L10LPFG
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L10LPFG Datasheet(HTML) 4 Page - Renesas Technology Corp

  72841L10LPFG Datasheet HTML 1Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 2Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 3Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 4Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 5Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 6Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 7Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 8Page - Renesas Technology Corp 72841L10LPFG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
SupplyVoltage
(Com'l & Ind'l)
4.5
5.0
5.5
V
GND
SupplyVoltage
(Com'l & Ind'l)
0
0
0
V
VIH
InputHighVoltage
(Com'l & Ind'l)
2.0
—
—
V
VIL
InputLowVoltage
(Com'l & Ind'l)
—
—
0.8
V
TA
OperatingTemperature
0
—
70
°C
Commercial
TA
OperatingTemperature
–40
—
85
°C
Industrial
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TSTG
Storage
Temperature
–55to+125
°C
IOUT
DC Output
Current
–50to+50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
IDT72801
IDT72811
IDT72821
IDT72831
IDT72841
IDT72851
Commercial and Industrial(1)
Commercial and Industrial(1)
tCLK = 10, 15, 25 ns
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(2)
InputLeakageCurrent(AnyInput)
–1
—
1
–1
—
1
µA
ILO(3)
OutputLeakageCurrent
–10
—
10
–10
—
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
—
—
0.4
—
—
0.4
V
ICC1(4,5,6,8)
Active Power Supply Current (both FIFOs)
—
—
60
—
—
80
mA
ICC2(4,7,8)
StandbyCurrent
—
—
10
—
—
10
mA
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
RECOMMENDEDOPERATINGCONDITIONS
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 2*[1.7 + 0.7*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25°°°°°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
8. ICC1 and ICC2 parameters are improved as compared to previous data sheets.
CAPACITANCE (TA = +25°C, f = 1.0MHz)
NOTE:
1. With output deselected (OEA, OEB ≥≥≥≥≥ VIH).
2. Characterized values, not currently tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com