Electronic Components Datasheet Search
  English  ▼

X  

72841L10LPFGI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 72841L10LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L10LPFGI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 72841L10LPFGI Datasheet HTML 3Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 4Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 5Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 6Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 7Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72841L10LPFGI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
LDA
LDA
LDA
LDA
LDA WENA1
WENA1
WENA1
WENA1
WENA1
WCLKA
OPERATION ON FIFO A
LDB
LDB
LDB
LDB
LDB WENB1
WENB1
WENB1
WENB1
WENB1
WCLKB
OPERATION ON FIFO B
00
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation
Figure 3. Offset Register Formats and Default Values for the A and B FIFOs
Figure 2. Writing to Offset Registers for FIFOs A and B
A read and write should not be performed simultaneously to the offset
registers.
OUTPUTS:
Full Flag (FFA, FFB) — FFA (FFB) will go LOW, inhibiting further write
operations,when ArrayA(B)isfull. Ifnoreadsareperformedafterreset,FFA
(FFB) will go LOW after 256 writes to the IDT72801's FIFO A (B); 512 writes
totheIDT72811'sFIFOA(B);1,024writestotheIDT72821'sFIFOA(B);2,048
writes to the IDT72831's FIFO A (B); 4,096 writes to the IDT72841's FIFO A
(B); or 8,192 writes to the IDT72851's FIFO A (B).
FFA(FFB)issynchronizedwithrespecttotheLOW-to-HIGHtransitionofthe
WriteClockWCLKA(WCLKB).
EmptyFlag(EFA, EFB)—EFA(EFB)willgoLOW,inhibitingfurtherread
operations,whenthereadpointerisequaltothewritepointer,indicatingthat
Array A (B) is empty.
EFA(EFB)is synchronizedwithrespecttotheLOW-to-HIGHtransitionof
the Read Clock RCLKA (RCLKB).
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72801 - DUAL 256 x 9
72811 - DUAL 512 x 9
7
7
80
(MSB)
1
00
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72831 - DUAL 2,048 x 9
72851 - DUAL 8,192 x 9
7
7
80
80
(MSB)
0
2
(MSB)
0
3
80
80
(MSB)
0
2
(MSB)
0
3
80
8
0
80
(MSB)
1
0
3034 drw 04
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72841 - DUAL 4,096 x 9
7
7
80
(MSB)
0
4
80
(MSB)
0
4
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
72821 - DUAL 1,024 x 9
7
7
80
(MSB)
0
1
80
(MSB)
0
1
NOTE:
1. For the purposes of this table, WENA2 and WENB2 = VIH.
2. The same selection sequence applies to reading from the registers. RENA1 and
RENA2 (RENB1 and RENB2) are enabled and read is performed on the LOW-to-
HIGH transition of RCLKA (RCLKB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com