Electronic Components Datasheet Search
  English  ▼

X  

BCC0LJM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0LJM
Description  Bulkhead Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LJM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0LJM Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LJM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulkhead Connectors
BCC M418-E818-BX0-RM149-000
Order Code: BCC0LJM
Internet
www.balluff.com
eCl@ss 9.1: 27-44-03-12
Subject to change without notice: 274332
ETIM 6.0: EC002641
BCC0LJM_0.36_2022-07-04
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Connection 1
M12x1-Female, Straight, 8-pin, X-
coded
Connection 2
RJ45-Female, Straight, 8-pin
Connector 01, version
straight
Connector 02, version
straight
Number of pins
8/8
Electrical data
Operating voltage Ub
60 VDC / 50 VAC
Rated current (40 °C)
0.5 A
Environmental conditions
Ambient temperature
-40...85 °C
IP rating
IP67
Material
Material contact carrier
PA
Material contacts
Bronze
Material grip
Nickel-plated brass
Die-cast zinc
Mechanical data
Mounting part
M16x1.5
Connector Drawings
II
I


Similar Part No. - BCC0LJM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0LJ0 BALLUFF-BCC0LJ0 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.42_2022-07-15
BCC0LJ1 BALLUFF-BCC0LJ1 Datasheet
107Kb / 2P
Double-Ended Cordsets
1_2021-10-12
BCC0LJ2 BALLUFF-BCC0LJ2 Datasheet
115Kb / 2P
Double-Ended Cordsets
1_2021-10-12
BCC0LJ3 BALLUFF-BCC0LJ3 Datasheet
110Kb / 2P
Single-Ended Cordsets
0.3_2021-08-13
BCC0LJ4 BALLUFF-BCC0LJ4 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.34_2021-09-01
More results

Similar Description - BCC0LJM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0A7M BALLUFF-BCC0A7M Datasheet
124Kb / 2P
Bulkhead Connectors
0.57_2022-07-16
BCC0A7N BALLUFF-BCC0A7N Datasheet
125Kb / 2P
Bulkhead Connectors
0.63_2022-07-15
BCC0HH5 BALLUFF-BCC0HH5 Datasheet
114Kb / 2P
Bulkhead Connectors
0.97_2022-07-15
BCC0K3P BALLUFF-BCC0K3P Datasheet
110Kb / 2P
Bulkhead Connectors
0.46_2022-07-04
BCC0LJE BALLUFF-BCC0LJE Datasheet
115Kb / 2P
Bulkhead Connectors
0.34_2022-07-04
BCC0LJN BALLUFF-BCC0LJN Datasheet
114Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJP BALLUFF-BCC0LJP Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-15
BCC0LJR BALLUFF-BCC0LJR Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0MA1 BALLUFF-BCC0MA1 Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC06YP BALLUFF-BCC06YP Datasheet
108Kb / 2P
Bulkhead Connectors
2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com