Electronic Components Datasheet Search
  English  ▼

X  

409 Datasheet(PDF) 3 Page - Marathon Special Products

Part # 409
Description  Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

409 Datasheet(HTML) 3 Page - Marathon Special Products

  409 Datasheet HTML 1Page - Marathon Special Products 409 Datasheet HTML 2Page - Marathon Special Products 409 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.marathonsp.com
3
REV E 04/20/2020
Product Data Sheet
Drawing
Dimensions
Catalog #
# of Poles
A
B
401
1
1.81
1.38
402
2
2.50
2.06
403
3
3.19
2.75
404
4
3.88
3.44
405
5
4.56
4.13
406
6
5.25
4.81
407
7
5.94
5.50
408
8
6.62
6.19
409
9
7.31
6.87
410
10
8.00
7.56
411
11
8.68
8.25
412
12
9.37
8.94
Mounting:
• Mounting torque to be determined in end use application not to exceed 15 lb-in.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com