Electronic Components Datasheet Search
  English  ▼

X  

412 Datasheet(PDF) 1 Page - Marathon Special Products

Part # 412
Description  Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

412 Datasheet(HTML) 1 Page - Marathon Special Products

  412 Datasheet HTML 1Page - Marathon Special Products 412 Datasheet HTML 2Page - Marathon Special Products 412 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
TERMINAL BLOCK, DOUBLE ROW
4XX Series
Wire Range
•
Standard (binding) screws, #10 - #12 AWG copper only, torque 20 lb-in
•
Listed lug (crimp type ring, spade, or fork terminal), #6 - #22 AWG, torque 20lb-in
•
SPSE (SEMS) screw option, #10 - #22 AWG copper only, torque 20b-in
•
PSB screw option, #10 - #22 AWG copper only, torque 20lb-in
Electrical Ratings
•
Amps:
• 30A with unprepared bare wire, (Based on NEC code, 75°C columns)
• 65A with listed lug (ring, spade or fork type crimp terminal)
•
600 Volts AC/DC (UL 1059 Class C, User Group - General Industrial)
•
Short Circuit Current Rating: 10,000A (Default)
•
Approved for Factory and Field Wiring.
Agency Compliance
•
UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E62806
•
CSA Certified, CSA C22.2 No. 158, File No. LR19766
•
CE compliant, IEC 60947-7-1
Material Information
•
Connector (Contact): Brass, tin plated.
•
Insulator base: Phenolic
•
Drive screw (Rivet): Stainless Steel
•
Screw, #10-32 Binder head, Phil-Slot: Steel, nickel plated
Replace “XX” with 01 through 12 for number of poles
11/16 (.688) pitch


Similar Part No. - 412

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
ebm-papst
412 EBMPAPST-412 Datasheet
375Kb / 3P
DC axial fans
logo
3M Electronics
412 3M-412 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Adafruit Industries
412 ADAFRUIT-412 Datasheet
1Mb / 4P
Small Push-Pull Solenoid - 12VDC
10-12-18
More results

Similar Description - 412

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FF02S27SV1 JAE-FF02S27SV1 Datasheet
224Kb / 1P
OOD NUMBER OF CONTACTS
logo
C&K Components
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
High number of cycle
logo
Weidmuller
1075621000 WEIDMULLER-1075621000 Datasheet
876Kb / 3P
Bus line, Connecting line, M12 / M12, Number of poles: 2
September 18, 2021
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
621RZ MARATHON-621RZ Datasheet
409Kb / 3P
Replace “XX” with 01 through 30 for number of poles 7/16 (.438) Pitch
REV E 04/20/2020
672RZ MARATHON-672RZ Datasheet
400Kb / 3P
Replace “XX” with 01 through 24 for number of poles 9/16 (.563) Pitch
REV-E 04/20/2020
logo
PHOENIX CONTACT
1376502 PHOENIX-1376502 Datasheet
400Kb / 11P
DD32H 2,2/12-PT-5,08-XX - Feed-through plug
logo
Marathon Special Produc...
134X305 MARATHON-134X305 Datasheet
781Kb / 4P
Replace “x” with 1, 2, or 3 for number of poles
11/09/2023
134X350 MARATHON-134X350 Datasheet
605Kb / 3P
Replace “x” with 1, 2, or 3 for number of poles
10/20/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com